Zakładka z wyszukiwarką danych komponentów |
|
LF2250QC20 Arkusz danych(PDF) 10 Page - LOGIC Devices Incorporated |
|
LF2250QC20 Arkusz danych(HTML) 10 Page - LOGIC Devices Incorporated |
10 / 15 page DEVICES INCORPORATED LF2250 12 x 10-bit Matrix Multiplier Video Imaging Products 08/16/2000–LDS.2250-L 10 12345678901234567890123456789012123 12345678901234567890123456789012123 12345678901234567890123456789012123 12345678901234567890123456789012123 12345678901234567890123456789012123 12345678901234567890123456789012123 12345678901234567890123456789012123 12345678901234567890123456789012123 12345678901234567890123456789012123 12345678901234567890123456789012123 12345678901234567890123456789012123 12345678901234567890123456789012123 12345678901234567890123456789012123 12345678901234567890123456789012123 12345678901234567890123456789012123 12345678901234567890123456789012123 12345678901234567890123456789012123 12345678901234567890123456789012123 12345678901234567890123456789012123 12345678901234567890123456789012123 12345678901234567890123456789012123 12345678901234567890123456789012123 12345678901234567890123456789012123 12345678901234567890123456789012123 12345678901234567890123456789012123 12345678901234567890123456789012123 123456789012345678 123456789012345678 123456789012345678 123456789012345678 123456789012345678 123456789012345678 123456789012345678 123456789012345678 123456789012345678 123456789012345678 123456789012345678 123456789012345678 123456789012345678 123456789012345678 123456789012345678 123456789012345678 123456789012345678 123456789012345678 123456789012345678 123456789012345678 123456789012345678 123456789012345678 123456789012345678 123456789012345678 123456789012345678 SWITCHING CHARACTERISTICS LF2250– 33* 25* Symbol Parameter Min Max Min Max tCYC Cycle Time 33 25 tPWL Clock Pulse Width Low 15 10 tPWH Clock Pulse Width High 10 10 tS Input Setup Time 12 9 tH Input Hold Time 2 2 tD Output Delay 25 20 MILITARY OPERATING RANGE (–55°C to +125°C) Notes 9, 10 (ns) LF2250– 33* 25 20 Symbol Parameter Min Max Min Max Min Max tCYC Cycle Time 33 25 20 tPWL Clock Pulse Width Low 15 10 6 tPWH Clock Pulse Width High 10 10 8 tS Input Setup Time 8 6 6 tH Input Hold Time 0 0 0 tD Output Delay 18 16 15 COMMERCIAL OPERATING RANGE (0°C to +70°C) Notes 9, 10 (ns) 123456789012345678901234 123456789012345678901234 123456789012345678901234 123456789012345678901234 *DISCONTINUED SPEED GRADE |
Podobny numer części - LF2250QC20 |
|
Podobny opis - LF2250QC20 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |