Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF2301JC55 Arkusz danych(PDF) 10 Page - LOGIC Devices Incorporated

Numer części LF2301JC55
Szczegółowy opis  Image Resampling Sequencer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LODEV [LOGIC Devices Incorporated]
Strona internetowa  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF2301JC55 Arkusz danych(HTML) 10 Page - LOGIC Devices Incorporated

Back Button LF2301JC55 Datasheet HTML 6Page - LOGIC Devices Incorporated LF2301JC55 Datasheet HTML 7Page - LOGIC Devices Incorporated LF2301JC55 Datasheet HTML 8Page - LOGIC Devices Incorporated LF2301JC55 Datasheet HTML 9Page - LOGIC Devices Incorporated LF2301JC55 Datasheet HTML 10Page - LOGIC Devices Incorporated LF2301JC55 Datasheet HTML 11Page - LOGIC Devices Incorporated LF2301JC55 Datasheet HTML 12Page - LOGIC Devices Incorporated LF2301JC55 Datasheet HTML 13Page - LOGIC Devices Incorporated LF2301JC55 Datasheet HTML 14Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
DEVICES INCORPORATED
LF2301
Image Resampling Sequencer
2-10
08/16/2000–LDS.2301-H
Video Imaging Products
TABLE 8. ITS OUTPUTS FOR 30
°°°°° IMAGE ROTATION WITH BILINEAR INTERPOLATION
Cycle
x
y
CAx (HEX)
CAy (HEX)
u
v
INIT
ACC
UWRI
ENDx
ENDy
DONE
1
0
0
00
00
x
x
101000
2
0
0
00
00
x
x
001000
3
0
0
00
00
x
x
001000
4
0
0
00
00
x
x
001000
5
1
0
01
01
x
x
010000
6
1
1
02
02
x
x
011000
7
0
1
03
03
x
x
011000
8
0
0
D0
80
00001000
9
1
0
D1
81
00010000
10
11
D2
82
00011100
11
01
D3
83
00011100
12
11
B0
00
10001100
13
21
B1
01
10010100
14
22
B2
02
10011000
15
12
B3
03
10011000
16
21
90
80
20001000
17
31
91
81
20010000
18
32
92
82
20011000
19
22
93
83
20011000
20
-1
0
80
D0
30001000
21
00
81
D1
30010000
22
01
82
D2
30011000
23
-1
1
83
D3
30011000
24
01
50
50
01001000
25
11
51
51
01010000
26
12
52
52
01011100
27
02
53
53
01011100
28
11
30
D0
11001100
29
21
31
D1
11010100
30
22
32
D2
11011000
31
12
33
D3
11011000
32
22
10
50
21001000
33
32
11
51
21010000
34
33
12
52
21011010
35
23
13
53
21011010
36
-1
1
00
B0
31001010
37
01
01
B1
31010010
38
02
02
B2
31011010
39
-1
2
03
B3
31011010
40
-1
2
D0
30
02001010
41
02
D1
31
02010010
42
03
D2
32
02011110
43
-1
3
D3
33
02011110
44
02
B0
B0
12001110
45
12
B1
B1
12010110
46
13
B2
B2
12011010
47
03
B3
B3
12011010
48
13
90
30
22001010
49
23
91
31
22010010
50
24
92
32
22011001
51
14
93
33
22011001
52
00
00
00
32001001
53
10
01
01
32010001
54
11
02
02
32011001
55
01
03
03
32011001


Podobny numer części - LF2301JC55

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BELIMO AIRCONTROLS (USA...
LF230-SUS BELIMO-LF230-SUS Datasheet
628Kb / 3P
   On/Off, Spring Return, AC 230 V, Auxiliary Switch
LF230US BELIMO-LF230US Datasheet
503Kb / 3P
   On/Off, Spring Return Fail-Safe, AC 230 V
logo
List of Unclassifed Man...
LF230VD ETC2-LF230VD Datasheet
1Mb / 6P
   PANELITE Enclosure Lights Overview
LF230VM ETC2-LF230VM Datasheet
1Mb / 6P
   PANELITE Enclosure Lights Overview
More results

Podobny opis - LF2301JC55

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
TMC2302A FAIRCHILD-TMC2302A Datasheet
188Kb / 36P
   Image Manipulation Sequencer
logo
Renesas Technology Corp
SLG7NT4503V RENESAS-SLG7NT4503V Datasheet
1Mb / 13P
   SEQUENCER
February 25, 2022
logo
Texas Instruments
LM3881 TI1-LM3881_14 Datasheet
790Kb / 17P
[Old version datasheet]   Power Sequencer
logo
Intersil Corporation
HSP45240 INTERSIL-HSP45240_99 Datasheet
227Kb / 6P
   Address Sequencer
logo
National Semiconductor ...
LM3880 NSC-LM3880_08 Datasheet
283Kb / 12P
   Power Sequencer
logo
Intersil Corporation
HSP45240 INTERSIL-HSP45240 Datasheet
141Kb / 6P
   Address Sequencer
logo
Seiko Instruments Inc
S-77100 SII-S-77100 Datasheet
4Mb / 40P
   POWER SEQUENCER
logo
National Semiconductor ...
LM3881 NSC-LM3881 Datasheet
243Kb / 14P
   Power Sequencer
LM3880 NSC-LM3880 Datasheet
611Kb / 20P
   Power Sequencer
logo
Texas Instruments
LM3880 TI1-LM3880_14 Datasheet
844Kb / 20P
[Old version datasheet]   Power Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com