Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF2301JC25 Arkusz danych(PDF) 8 Page - LOGIC Devices Incorporated

Numer części LF2301JC25
Szczegółowy opis  Image Resampling Sequencer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LODEV [LOGIC Devices Incorporated]
Strona internetowa  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF2301JC25 Arkusz danych(HTML) 8 Page - LOGIC Devices Incorporated

Back Button LF2301JC25 Datasheet HTML 4Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 5Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 6Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 7Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 8Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 9Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 10Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 11Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 12Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
DEVICES INCORPORATED
LF2301
Image Resampling Sequencer
2-8
08/16/2000–LDS.2301-H
Video Imaging Products
TABLE 6. ITS OUTPUTS FOR 3
××××× 3 STATIC FILTER
Cycle
x
y
CAx (HEX)
CAy (HEX)
u
v
INIT
ACC
UWRI
ENDx
ENDy
DONE
1
6
6
00
00
x
x
101000
2
6
6
00
00
x
x
001000
3
6
6
00
00
x
x
001000
4
6
6
00
00
x
x
001000
5
7
6
01
01
x
x
010000
6
7
7
02
02
x
x
011000
7
6
7
03
03
x
x
011000
8
5
7
04
04
x
x
011000
9
5
6
05
05
x
x
011000
10
55
06
06
x
x
011000
11
65
07
07
x
x
011100
12
75
08
08
x
x
011100
13
76
00
00
66001100
14
86
01
01
66010100
15
87
02
02
66011100
16
77
03
03
66011100
17
67
04
04
66011100
18
66
05
05
66011100
19
65
06
06
66011100
20
75
07
07
66011000
21
85
08
08
66011000
22
86
00
00
76001000
23
96
01
01
76010000
24
97
02
02
76011000
25
87
03
03
76011000
26
77
04
04
76011000
27
76
05
05
76011000
28
75
06
06
76011000
29
85
07
07
76011010
30
95
08
08
76011010
31
67
00
00
86001010
32
77
01
01
86010010
33
78
02
02
86011010
34
68
03
03
86011010
35
58
04
04
86011010
36
57
05
05
86011010
37
56
06
06
86011010
38
66
07
07
86011110
39
76
08
08
86011110
40
77
00
00
67001110
41
87
01
01
67010110
42
88
02
02
67011110
43
78
03
03
67011110
44
68
04
04
67011110
45
67
05
05
67011110
46
66
06
06
67011110
47
76
07
07
67011010
48
86
08
08
67011010
49
87
00
00
77001010
50
97
01
01
77010010
51
98
02
02
77011010
52
88
03
03
77011010
53
78
04
04
77011010
54
77
05
05
77011010
55
76
06
06
77011010
56
86
07
07
77011001
57
96
08
08
77011001
58
66
00
00
87001001


Podobny numer części - LF2301JC25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BELIMO AIRCONTROLS (USA...
LF230-SUS BELIMO-LF230-SUS Datasheet
628Kb / 3P
   On/Off, Spring Return, AC 230 V, Auxiliary Switch
LF230US BELIMO-LF230US Datasheet
503Kb / 3P
   On/Off, Spring Return Fail-Safe, AC 230 V
logo
List of Unclassifed Man...
LF230VD ETC2-LF230VD Datasheet
1Mb / 6P
   PANELITE Enclosure Lights Overview
LF230VM ETC2-LF230VM Datasheet
1Mb / 6P
   PANELITE Enclosure Lights Overview
More results

Podobny opis - LF2301JC25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
TMC2302A FAIRCHILD-TMC2302A Datasheet
188Kb / 36P
   Image Manipulation Sequencer
logo
Renesas Technology Corp
SLG7NT4503V RENESAS-SLG7NT4503V Datasheet
1Mb / 13P
   SEQUENCER
February 25, 2022
logo
Texas Instruments
LM3881 TI1-LM3881_14 Datasheet
790Kb / 17P
[Old version datasheet]   Power Sequencer
logo
Intersil Corporation
HSP45240 INTERSIL-HSP45240_99 Datasheet
227Kb / 6P
   Address Sequencer
logo
National Semiconductor ...
LM3880 NSC-LM3880_08 Datasheet
283Kb / 12P
   Power Sequencer
logo
Intersil Corporation
HSP45240 INTERSIL-HSP45240 Datasheet
141Kb / 6P
   Address Sequencer
logo
Seiko Instruments Inc
S-77100 SII-S-77100 Datasheet
4Mb / 40P
   POWER SEQUENCER
logo
National Semiconductor ...
LM3881 NSC-LM3881 Datasheet
243Kb / 14P
   Power Sequencer
LM3880 NSC-LM3880 Datasheet
611Kb / 20P
   Power Sequencer
logo
Texas Instruments
LM3880 TI1-LM3880_14 Datasheet
844Kb / 20P
[Old version datasheet]   Power Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com