Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF2301JC25 Arkusz danych(PDF) 11 Page - LOGIC Devices Incorporated

Numer części LF2301JC25
Szczegółowy opis  Image Resampling Sequencer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LODEV [LOGIC Devices Incorporated]
Strona internetowa  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF2301JC25 Arkusz danych(HTML) 11 Page - LOGIC Devices Incorporated

Back Button LF2301JC25 Datasheet HTML 7Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 8Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 9Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 10Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 11Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 12Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 13Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 14Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 15Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
DEVICES INCORPORATED
Video Imaging Products
2-11
LF2301
Image Resampling Sequencer
08/16/2000–LDS.2301-H
TABLE 10. ITS OUTPUTS FOR PASS 1 OF TWO-PASS
Cycle
x
y
CAx (HEX)
CAy (HEX)
u
v
INIT
ACC
UWRI
ENDx
ENDy
DONE
1
0
0
00
00
x
x
101000
2
0
0
00
00
x
x
001000
3
0
0
00
00
x
x
001000
4
0
0
00
00
x
x
001000
5
1
0
01
01
x
x
010100
6
2
0
02
02
x
x
011100
7
1
0
00
00
55001100
8
2
0
01
01
55010000
9
3
0
02
02
55011000
10
20
00
00
65001000
11
30
01
01
65010010
12
40
02
02
65011010
13
01
00
00
75001010
14
11
01
01
75010110
15
21
02
02
75011110
16
11
00
00
56001110
17
21
01
01
56010010
18
31
02
02
56011010
19
21
00
00
66001010
20
31
01
01
66010001
21
41
02
02
66011001
22
00
00
00
76001001
23
10
01
01
76010101
24
20
02
02
76011101
Pass 1 of Two-Pass Operation
Pass 1 of the two-pass operation
performs horizontal filtering on an
image as shown in Figure 9. This
mode is selected by loading M1-0 with
“01.” In this example, a horizontal
filter with a kernel size of 3 pixels is
desired. Loading K3-0 with “0010”
selects a kernel size of 3. The first
pixel selected is determined by x0 and
y0. In this example, the first pixel is
(0,0). In this case, the LF2301s should
address consecutive pixels during each
pixel walk. For this to occur, FOV must
be set to 1 (F2-0 loaded with “001”).
After the last pixel of a pixel walk has
been selected, the next pixel address is
determined by adding dx/du to the
current X address and by adding dy/
du to the current Y address (unless the
kernel just completed was the last for
that line). At the end of the first pixel
walk, pixel (2,0) is addressed. Since
the first pixel of the next pixel walk
should be (1,0), dx/du is selected to be
-1 and dy/du is selected to be 0. After
the last pixel of the last pixel walk on
the first line has been selected, the first
pixel address of the second line is
determined by adding dx/dv to x0
and by adding dy/dv to y0. Since the
first pixel of the first pixel walk on the
second line should be (0,1), dx/dv is
selected to be 0 and dy/dv is selected
to be 1. Second order differential
terms are not used in this filter and are
therefore set to 0.
TABLE 9. PARAMETER REGISTERS
ADDR
Row (HEX) Column (HEX)
0000
000
000
0001
FFF
FFF
0010
000
000
0011
040
140
0100
000
000
0101
1FF
000
0110
000
000
0111
200
201
1000
000
000
1001
000
000
1010
000
000
1011
000
000
1100
000
000
1101
000
000
1110
005
005
1111
006
006
UMIN and VMIN are both selected to
be 5. UMAX and VMAX are both
selected to be 6. Table 9 shows the
values loaded into all Parameter
Registers. Table 10 shows the ITS
outputs for the Pass 1 of a Two-Pass
operation.
1 = 1st pixel of 1st walk,
2 = 1st pixel of 2nd walk, etc.
-1
1234
0
1
2
3
123
6
45
7
0
FIGURE 9. PASS 1 OF TWO-PASS


Podobny numer części - LF2301JC25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BELIMO AIRCONTROLS (USA...
LF230-SUS BELIMO-LF230-SUS Datasheet
628Kb / 3P
   On/Off, Spring Return, AC 230 V, Auxiliary Switch
LF230US BELIMO-LF230US Datasheet
503Kb / 3P
   On/Off, Spring Return Fail-Safe, AC 230 V
logo
List of Unclassifed Man...
LF230VD ETC2-LF230VD Datasheet
1Mb / 6P
   PANELITE Enclosure Lights Overview
LF230VM ETC2-LF230VM Datasheet
1Mb / 6P
   PANELITE Enclosure Lights Overview
More results

Podobny opis - LF2301JC25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
TMC2302A FAIRCHILD-TMC2302A Datasheet
188Kb / 36P
   Image Manipulation Sequencer
logo
Renesas Technology Corp
SLG7NT4503V RENESAS-SLG7NT4503V Datasheet
1Mb / 13P
   SEQUENCER
February 25, 2022
logo
Texas Instruments
LM3881 TI1-LM3881_14 Datasheet
790Kb / 17P
[Old version datasheet]   Power Sequencer
logo
Intersil Corporation
HSP45240 INTERSIL-HSP45240_99 Datasheet
227Kb / 6P
   Address Sequencer
logo
National Semiconductor ...
LM3880 NSC-LM3880_08 Datasheet
283Kb / 12P
   Power Sequencer
logo
Intersil Corporation
HSP45240 INTERSIL-HSP45240 Datasheet
141Kb / 6P
   Address Sequencer
logo
Seiko Instruments Inc
S-77100 SII-S-77100 Datasheet
4Mb / 40P
   POWER SEQUENCER
logo
National Semiconductor ...
LM3881 NSC-LM3881 Datasheet
243Kb / 14P
   Power Sequencer
LM3880 NSC-LM3880 Datasheet
611Kb / 20P
   Power Sequencer
logo
Texas Instruments
LM3880 TI1-LM3880_14 Datasheet
844Kb / 20P
[Old version datasheet]   Power Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com