Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF2301JC25 Arkusz danych(PDF) 4 Page - LOGIC Devices Incorporated

Numer części LF2301JC25
Szczegółowy opis  Image Resampling Sequencer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LODEV [LOGIC Devices Incorporated]
Strona internetowa  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF2301JC25 Arkusz danych(HTML) 4 Page - LOGIC Devices Incorporated

  LF2301JC25 Datasheet HTML 1Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 2Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 3Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 4Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 5Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 6Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 7Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 8Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
DEVICES INCORPORATED
LF2301
Image Resampling Sequencer
2-4
08/16/2000–LDS.2301-H
Video Imaging Products
TABLE 3. FIELD OF VIEW
F2
F1
F0
FOV
00
0
0
00
1
1
01
0
2
01
1
3
10
0
4
10
1
5
11
0
6
11
1
7
R/C — Row/Column Select
When set to 0, the LF2301 functions as
a row device. When set to 1, the
LF2301 functions as a column device.
M1-0 — Mode
This 2-bit control word defines four
modes as follows (see table 1):
The 1st and 3rd modes are single-
pass operations where the device
walks through a (K + 1) x (K + 1)
kernel for each output pixel. K is the
kernel size determined by K3-0 in
Parameter Register 7. In mode 00, the
spiral walk is in the clockwise direc-
tion. In mode 10, the spiral walk is in
the counter clockwise direction.
The 2nd and 4th modes are used
together to perform a two-pass
operation. The first pass (mode 01)
performs a (K+1) kernel in the
horizontal dimension. The second
pass (mode 11) performs a (K+1)
kernel in the vertical dimension.
The result of pass 1 is stored in the
destination image memory and is used
as the source image data for the second
pass. A system to switch source and
destination memory banks could be
designed, or utilization of a second
LF2301 pair in a pipelined architecture
could be used. In this case, the system
would require a third image buffer for
the final destination image.
K3-0 — Kernel
Kernel determines the length of the
spiral walk when performing image
transformations and the size of the
filter when implementing static filters
(see table 2). When performing image
transformations, the longest spiral walk
possible is 4 x 4 pixels (Kernel = 3). For
static filters, kernels of up to 16 x 16
pixels (Kernel = 15) are possible.
FOV — Field of View
FOV determines the distance between
pixels in a spiral walk. An FOV of 1
means each step in a spiral walk is one
pixel. An FOV of 2 means each step is
two pixels, and so on. FOV can be set
as high as 7 (see Table 3). It is impor-
tant to note when FOV is 0, the x and
y addresses will not change during a
spiral walk. They will remain fixed at
the first pixel address of the spiral
walk.
ALR — Autoload
When set HIGH and upon INIT being
strobed, the LDR control is automatically
asserted which causes the data
currently stored in the Preload Registers
to be loaded into the Transformation
Parameter Registers.
AIN — Autoinit
A new transform automatically begins
if the AIN bit is HIGH when the end of
an image is reached. The DONE flag
will go HIGH for one clock cycle. If
AIN is LOW, UWRI and the DONE flag
remain HIGH until the user strobes the
INIT control to begin a new image
transformation.
PIPE — Pipe Control
In order to compensate for buffered
source image RAM, PIPE adjusts the
timing of UWRI and ACC. If the PIPE
bit is HIGH, UWRI and ACC will have
a one clock cycle delay added relative
to the generation of the target address.
TM — Test Mode
Calculations of the source image and
coefficient addresses are made by an
internal 28-bit accumulator. TM
allows access to the sign bit and the
seven bits below the four coefficient
address bits in the accumulator. When
TM is HIGH the sign bit and 11 bits
below the source image address are fed
to X11-0 (see Figure 2). When TM is
LOW, the source image address is fed
to X11-0. Two clock cycles are required
to access both the MS and LS words of
the internal accumulator.
Functional Description
The LF2301 is an address generator
designed to be used in an image
transformation system (ITS). When
implementing an LF2301-based ITS,
second-order image transformations
can be performed like resampling,
rotation, warping, panning, and
rescaling, all at real-time video rates.
2D filtering operations, like pixel
convolutions, can also be performed.
In most applications two LF2301s are
used, one to generate the row addresses
and the other to generate the column
TABLE 1. MODE SELECTION
M1 M0
MODE
0
0 single-pass operation (CW)
0
1 pass 1 of two-pass operation
1
0 single-pass operation (CCW)
1
1 pass 2 of two-pass operation
TABLE 2. KERNEL
K3
K2
K1
K0
Kernel
00
00
1 x 1
00
01
2 x 2
00
10
3 x 3
00
11
4 x 4
01
00
5 x 5
01
01
6 x 6
01
10
7 x 7
01
11
8 x 8
10
00
9 x 9
10
01
10 x 10
10
10
11 x 11
10
11
12 x 12
11
00
13 x 13
11
01
14 x 14
11
10
15 x 15
11
11
16 x 16


Podobny numer części - LF2301JC25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BELIMO AIRCONTROLS (USA...
LF230-SUS BELIMO-LF230-SUS Datasheet
628Kb / 3P
   On/Off, Spring Return, AC 230 V, Auxiliary Switch
LF230US BELIMO-LF230US Datasheet
503Kb / 3P
   On/Off, Spring Return Fail-Safe, AC 230 V
logo
List of Unclassifed Man...
LF230VD ETC2-LF230VD Datasheet
1Mb / 6P
   PANELITE Enclosure Lights Overview
LF230VM ETC2-LF230VM Datasheet
1Mb / 6P
   PANELITE Enclosure Lights Overview
More results

Podobny opis - LF2301JC25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
TMC2302A FAIRCHILD-TMC2302A Datasheet
188Kb / 36P
   Image Manipulation Sequencer
logo
Renesas Technology Corp
SLG7NT4503V RENESAS-SLG7NT4503V Datasheet
1Mb / 13P
   SEQUENCER
February 25, 2022
logo
Texas Instruments
LM3881 TI1-LM3881_14 Datasheet
790Kb / 17P
[Old version datasheet]   Power Sequencer
logo
Intersil Corporation
HSP45240 INTERSIL-HSP45240_99 Datasheet
227Kb / 6P
   Address Sequencer
logo
National Semiconductor ...
LM3880 NSC-LM3880_08 Datasheet
283Kb / 12P
   Power Sequencer
logo
Intersil Corporation
HSP45240 INTERSIL-HSP45240 Datasheet
141Kb / 6P
   Address Sequencer
logo
Seiko Instruments Inc
S-77100 SII-S-77100 Datasheet
4Mb / 40P
   POWER SEQUENCER
logo
National Semiconductor ...
LM3881 NSC-LM3881 Datasheet
243Kb / 14P
   Power Sequencer
LM3880 NSC-LM3880 Datasheet
611Kb / 20P
   Power Sequencer
logo
Texas Instruments
LM3880 TI1-LM3880_14 Datasheet
844Kb / 20P
[Old version datasheet]   Power Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com