Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF2301JC25 Arkusz danych(PDF) 5 Page - LOGIC Devices Incorporated

Numer części LF2301JC25
Szczegółowy opis  Image Resampling Sequencer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LODEV [LOGIC Devices Incorporated]
Strona internetowa  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF2301JC25 Arkusz danych(HTML) 5 Page - LOGIC Devices Incorporated

  LF2301JC25 Datasheet HTML 1Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 2Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 3Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 4Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 5Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 6Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 7Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 8Page - LOGIC Devices Incorporated LF2301JC25 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DEVICES INCORPORATED
Video Imaging Products
2-5
LF2301
Image Resampling Sequencer
08/16/2000–LDS.2301-H
addresses. An example of an ITS
implemented with two LF2301s is
shown in Figure 1. In this system the
following components are used: two
LF2301s, a multiplier-accumulator
(MAC), interpolation coefficient RAM,
and source/target image RAM.
Maximum image size is 4096 x 4096
pixels. Data word size is determined
by the word size of the external RAM.
A typical ITS performs image transfor-
mations as follows:
a. The LF2301s generate sequential
pixel addresses (left to right, top to
bottom) which fill the rectangle in the
target image RAM defined by
(UMIN,VMIN) and (UMAX +1, VMAX).
It is important to note that the U value
of the last pixel address on each line of
the target RAM is UMAX + 1.
b. The LF2301s calculate the address
of the corresponding pixel in the
source image RAM for each target
pixel address generated.
c. If interpolation is needed, the
external MAC sums the products of
the source pixels and the interpola-
tion coefficients. Control signals for
the MAC and address signals for the
interpolation coefficient RAM are
provided by the LF2301s.
d. The new pixel value is written into
the target image RAM.
The LF2301s generate source pixel
addresses according to the following
general second order equations:
x = Au2 + Bu + Cuv + Dv2 + Ev + F
y = Gu2 + Hu + Kuv + Lv2 + Mv + N
where (x,y) and (u,v) are the source
and target coordinates respectively.
A through N are user-defined param-
eters. The actual second order equa-
tions used are shown in Figure 3.
dx
du
d x
dudv
2
dx
dv
d x
2
du
2
d x
2
dv
2
m – m
2
2
n – n
2
2
+
=
x
0
m+
n +
mn +
+
x
dy
du
d y
dudv
2
dy
dv
d y
2
du
2
d y
2
dv
2
m – m
2
2
n – n
2
2
+
=
y
0
m+
n +
mn +
+
y
+ FOV CAY(w)
·
FOV m CAY(ker)
·
+
·
+ FOV CAX(w)
·
FOV m CAX(ker)
·
+
·
m
=
u
UMIN +
n
=
v
VMIN +
NOTE:
m – m
2
2
APPROXIMATES THE EXPONENTIAL CHARACTERISTIC OF
m
2
.
FIGURE 3. ADDRESS TRANSFORMATION EQUATIONS
FIGURE 2. TEST MODE DATA ROUTING
SIGN
7
4
12
1
CA3-0
CA7-4
X11-0/T11-0
28-BIT INTERNAL
ACCUMULATOR
WALK COUNTER
4
4
12
12


Podobny numer części - LF2301JC25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BELIMO AIRCONTROLS (USA...
LF230-SUS BELIMO-LF230-SUS Datasheet
628Kb / 3P
   On/Off, Spring Return, AC 230 V, Auxiliary Switch
LF230US BELIMO-LF230US Datasheet
503Kb / 3P
   On/Off, Spring Return Fail-Safe, AC 230 V
logo
List of Unclassifed Man...
LF230VD ETC2-LF230VD Datasheet
1Mb / 6P
   PANELITE Enclosure Lights Overview
LF230VM ETC2-LF230VM Datasheet
1Mb / 6P
   PANELITE Enclosure Lights Overview
More results

Podobny opis - LF2301JC25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
TMC2302A FAIRCHILD-TMC2302A Datasheet
188Kb / 36P
   Image Manipulation Sequencer
logo
Renesas Technology Corp
SLG7NT4503V RENESAS-SLG7NT4503V Datasheet
1Mb / 13P
   SEQUENCER
February 25, 2022
logo
Texas Instruments
LM3881 TI1-LM3881_14 Datasheet
790Kb / 17P
[Old version datasheet]   Power Sequencer
logo
Intersil Corporation
HSP45240 INTERSIL-HSP45240_99 Datasheet
227Kb / 6P
   Address Sequencer
logo
National Semiconductor ...
LM3880 NSC-LM3880_08 Datasheet
283Kb / 12P
   Power Sequencer
logo
Intersil Corporation
HSP45240 INTERSIL-HSP45240 Datasheet
141Kb / 6P
   Address Sequencer
logo
Seiko Instruments Inc
S-77100 SII-S-77100 Datasheet
4Mb / 40P
   POWER SEQUENCER
logo
National Semiconductor ...
LM3881 NSC-LM3881 Datasheet
243Kb / 14P
   Power Sequencer
LM3880 NSC-LM3880 Datasheet
611Kb / 20P
   Power Sequencer
logo
Texas Instruments
LM3880 TI1-LM3880_14 Datasheet
844Kb / 20P
[Old version datasheet]   Power Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com