Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1691A Arkusz danych(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA1691A
Szczegółowy opis  SAW Filter 836.5MHz 25MHz BW SMD 1.4X1.1 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1691A Arkusz danych(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1691A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1691A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1691A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1691A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1691A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1691A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1691A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1691A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 836.5MHz 25MHz BW SMD 1.4×1.1 mm
MODEL NO.: TA1691A
REV. No.: 1.0
A. MAXIMUM RATING:
1. Maximum Input Power: 29 dBm
2.DC voltage: 0 V
3.Operating Temperature: -30°C to +85°C
4.Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Parameters Description
Unit
Minimum
Typical
Maximum
Center Frequency (Fo)
MHz
-
836.5
-
Insertion Loss within 824.0 ~ 849.0 MHz
dB
-
1.9
2.6
Amplitude Ripple within 824.0 ~ 849.0 MHz
dBp-p
-
0.7
1.6
VSWR within 824.0 ~ 849.0 MHz
-
1.8
2.3
Attenuation:
DC ~ 750.0 MHz
dB
35
45
-
750.0 ~ 800.0 MHz
dB
28
41
-
869.0 ~ 894.0 MHz
dB
35
44
-
894.0 ~ 1050.0 MHz
dB
38
45
-
1050.0 ~ 1210.0 MHz
dB
35
44
-
1210.0 ~ 1580.0 MHz
dB
30
39
-
1580.0 ~ 2000.0 MHz
dB
28
36
-
2000.0 ~ 3000.0 MHz
dB
23
31
-
3000.0 ~ 6000.0 MHz
dB
12
22
-
Notes : (1) No Matching Network .
RoHS Compliant
Lead free
Lead-free soldering


Podobny numer części - TA1691A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA1690A TAI-SAW-TA1690A Datasheet
235Kb / 9P
   SAW Filter 881.5MHz 25MHz BW SMD 1.1X0.9 mm
logo
Golledge Electronics Lt...
TA1690A GOLLEDGE-TA1690A Datasheet
190Kb / 8P
   SAW Filter 881.50MHz
logo
Transko Electronics, In...
TA1690AM1 TRANSKO-TA1690AM1 Datasheet
362Kb / 4P
   Wireless, Balanced RF SAW Filter
Revision 0: December 2004
logo
TAI-SAW TECHNOLOGY CO.,...
TA1690B TAI-SAW-TA1690B Datasheet
436Kb / 10P
   SAW Filter 881.5MHz Band 5 Rx SMD 1.1횞0.9 mm (BW=25 MHz)
logo
Transko Electronics, In...
TA1690BM1 TRANSKO-TA1690BM1 Datasheet
359Kb / 4P
   Wireless, Balanced RF SAW Filter
Revision 0: January 2005
More results

Podobny opis - TA1691A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA1692A TAI-SAW-TA1692A Datasheet
222Kb / 8P
   SAW Filter 836.5MHz 25MHz BW SMD 1.4X1.1 mm
TA2081A TAI-SAW-TA2081A Datasheet
437Kb / 8P
   SAW Filter 652.5MHz SMD 1.4X1.1 mm (BW=25MHz)
TA1689A TAI-SAW-TA1689A Datasheet
237Kb / 9P
   SAW Filter 881.5MHz 25MHz BW SMD 1.4X1.1 mm
TA2084A TAI-SAW-TA2084A Datasheet
442Kb / 8P
   SAW Filter 777.5MHz SMD 1.4X1.1 mm (BW=25MHz)
TA2082A TAI-SAW-TA2082A Datasheet
441Kb / 8P
   SAW Filter 752.5MHz SMD 1.4X1.1 mm (BW=25MHz)
TA2083A TAI-SAW-TA2083A Datasheet
441Kb / 8P
   SAW Filter 677.5MHz SMD 1.4X1.1 mm (BW=25MHz)
TA2629A TAI-SAW-TA2629A Datasheet
755Kb / 8P
   SAW Filter 836.5 MHz (BW 25MHz) SMD 1.4X1.1 mm
logo
SIPAT Co,Ltd
LBT83704 SIPAT-LBT83704 Datasheet
128Kb / 3P
   836.5MHz SAW Filter 25MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA1323A TAI-SAW-TA1323A Datasheet
150Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA2384A TAI-SAW-TA2384A Datasheet
415Kb / 8P
   SAW Filter 677.5MHz SMD 1.4X1.1 mm (BW=26MHz)
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com