Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DZTA42 Arkusz danych(PDF) 1 Page - Diodes Incorporated

Numer części DZTA42
Szczegółowy opis  300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DZTA42 Arkusz danych(HTML) 1 Page - Diodes Incorporated

  DZTA42_15 Datasheet HTML 1Page - Diodes Incorporated DZTA42_15 Datasheet HTML 2Page - Diodes Incorporated DZTA42_15 Datasheet HTML 3Page - Diodes Incorporated DZTA42_15 Datasheet HTML 4Page - Diodes Incorporated DZTA42_15 Datasheet HTML 5Page - Diodes Incorporated DZTA42_15 Datasheet HTML 6Page - Diodes Incorporated DZTA42_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DZTA42
Datasheet Number: DS30582 Rev. 6 - 2
1 of 7
www.diodes.com
January 2014
© Diodes Incorporated
DZTA42
300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
Features
BVCEO > 300V
IC = 500mA high Collector Current
2W Power Dissipation
Low Saturation Voltage VCE(sat) < 500mV @ 20mA
Complementary PNP Type: DZTA92
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT223
Case Material: Molded Plastic. “Green” Molding Compound.
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.112 grams (approximate)
Applications
Switch-Mode Power Supplies (SMPS)
Video output stages
Motor driver
Ordering Information (Note 4)
Product
Compliance
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
DZTA42-13
AEC-Q101
K3M
13
12
2,500
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html
Marking Information
C
E
B
Device Symbol
Top View
SOT223
Top View
Pin-Out
K3M
YWW
(Top View)
K3M = Product Type Marking Code
YWW = Date Code Marking
Y = Last digit of year ex: 4 = 2014
WW = Week code 01 - 52


Podobny numer części - DZTA42_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
DZTA42Q DIODES-DZTA42Q Datasheet
468Kb / 7P
   300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
DZTA42Q-13 DIODES-DZTA42Q-13 Datasheet
468Kb / 7P
   300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
More results

Podobny opis - DZTA42_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
DZTA42Q DIODES-DZTA42Q Datasheet
468Kb / 7P
   300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
FZT657 DIODES-FZT657_15 Datasheet
616Kb / 7P
   300V NPN MEDIUM POWER HIGH VOLTAGE TRANSISTOR IN SOT223
FZT757 DIODES-FZT757_15 Datasheet
472Kb / 7P
   300V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
FZT857 DIODES-FZT857_15 Datasheet
576Kb / 7P
   300V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT857TA DIODES-FZT857TA Datasheet
322Kb / 7P
   300V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT658 DIODES-FZT658_15 Datasheet
597Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
FZT658TA DIODES-FZT658TA Datasheet
267Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
FMMTA42 DIODES-FMMTA42_15 Datasheet
269Kb / 6P
   300V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
DZT5551Q DIODES-DZT5551Q Datasheet
492Kb / 7P
   160V NPN VOLTAGE TRANSISTOR IN SOT223
DZT5551 DIODES-DZT5551_15 Datasheet
155Kb / 7P
   160V NPN VOLTAGE TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com