Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4005G Arkusz danych(PDF) 1 Page - Leshan Radio Company

Numer części 1N4005G
Szczegółowy opis  1A GENERAL PURPOSE GPP DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LRC [Leshan Radio Company]
Strona internetowa  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1N4005G Arkusz danych(HTML) 1 Page - Leshan Radio Company

  1N4005G Datasheet HTML 1Page - Leshan Radio Company 1N4005G Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
31A–1/2
1A
1A GENERAL PURPOSE GPP DIODES
TYPE
Maximum
Peak Reverse
Voltage
Maximum Average
Rectified Current
@ Half-Wave
Resistive Load 60Hz
Maximum
Forward Peak
Surge Current @
8.3ms Superimposed
Maximum
Reverse
Current @ PRV
@ T
A=25ºC
Maximum
Forward
Voltage
@ T
A=25ºC
Package
Dimensions
1.0
PRV
V PK
I O @ T L
AAV
ºC
I FM (Surge)
A PK
I R
µAdc
I FM
V FM
A PK
V PK
1N4001G – 1N4007G
75
30
5.0
1.0
1.1
DO – 41
1N4001G
1N4002G
1N4003G
1N4004G
1N4005G
1N4006G
1N4007G
50
100
200
400
600
800
1000
DO – 41
.107(2.7)
DIA
.080(2.0)
1.0(25.4)
MIN
.205(5.2)
.166(4.2)
.034(0.9)
DIA
.028(0.7)
1.0(25.4)
MIN


Podobny numer części - 1N4005G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gulf Semiconductor
1N4005G GULFSEMI-1N4005G Datasheet
89Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERVOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
NXP Semiconductors
1N4005G PHILIPS-1N4005G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Microdiode Electronics ...
1N4005G CHENDA-1N4005G Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Leshan Radio Company
1N4005G LRC-1N4005G Datasheet
186Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
logo
List of Unclassifed Man...
1N4005G ETC-1N4005G Datasheet
143Kb / 2P
   GLASS PASSIVATED RECTIFIER
More results

Podobny opis - 1N4005G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
1N5391G LRC-1N5391G Datasheet
54Kb / 2P
   1.5A GENERAL PURPOSE GPP DIODES
1B5400G LRC-1B5400G Datasheet
50Kb / 2P
   3A GENERAL PURPOSE GPP DIODES
RL151G LRC-RL151G Datasheet
54Kb / 2P
   1.5A GENERAL PURPOSE GPP DIODES
HER101 LRC-HER101 Datasheet
61Kb / 2P
   1A HIGH EFFICIENCY GPP DIODES
1N4001 LRC-1N4001 Datasheet
48Kb / 2P
   1A GENERAL DIODES
1A1 LRC-1A1 Datasheet
47Kb / 2P
   1A GENERAL DIODES
1N4001E LRC-1N4001E Datasheet
48Kb / 2P
   1A GENERAL DIODES
FR101G LRC-FR101G Datasheet
51Kb / 2P
   FAST GPP DIODES
BA157G LRC-BA157G Datasheet
51Kb / 2P
   FAST GPP DIODES
1N4933G LRC-1N4933G Datasheet
57Kb / 2P
   FAST GPP DIODES
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com