Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AZSR250-1AE-12D Arkusz danych(PDF) 1 Page - ZETTLER Electronics

Numer części AZSR250-1AE-12D
Szczegółowy opis  50 A (35 A) POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZETTLER [ZETTLER Electronics]
Strona internetowa  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZSR250-1AE-12D Arkusz danych(HTML) 1 Page - ZETTLER Electronics

  AZSR250-1AE-12D Datasheet HTML 1Page - ZETTLER Electronics AZSR250-1AE-12D Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50 A (35 A)
POWER RELAY
FEATURES
• 50 Amp switching (AZSR250)
• 35 Amp switching (AZSR235)
• Wide contact gap > 1.85mm (AZSR250)
• Wide contact gap > 2.05mm (AZSR235)
• Holding power <100 mW
• Dielectric strength 5000 Vrms
• Isolation spacing greater than 10 mm
• Reinforced insulation, EN 60730-1 (VDE 0631, part 1),
EN 60335-1 (VDE 0700, part 1)
• UL, CUR file E44211
• VDE certificate 40033251
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
2015-03-31
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 106
Electrical
5 x 104 at 35 A 250 VAC Res. (AZSR235)
5 x 104 at 50 A 250 VAC Res. (AZSR250)
Operate Time (typical)
40 ms at nominal coil voltage
Release Time (typical)
5 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
5000 Vrms coil to contact
(at sea level for 1 min.) 2500 Vrms between contact sets
2500 Vrms between open contacts
Insulation
1000 megohms min. at 20°C
Resistance
500 VDC 50% RH
Insulation
C250
(according to
Overvoltage category: III
DIN VDE 0110,
Pollution degree: 3
IEC 60664-1)
Nominal voltage: 250 VAC
Dropout
Greater than 5% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 85°C (185°F)
Vibration
0.062" (1.5 mm) DA at 10–55 Hz
Shock
10 g
Enclosure
PA
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Weight
105 grams
Packing unit in pcs
10 per inner carton / 100 per carton box
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.
RoHS compliant !
AZSR235/250
Arrangement
SPST (1 Form A)
DPST (2 Form A)
Ratings
Resistive load:
AZSR235
Max. switched power: 1050 W or 9695 VA
Max. switched current: 35 A
Max. switched voltage: 150 VDC* or 440 VAC
AZSR250
Max. switched power: 1500 W or 13850 VA
Max. switched current: 50 A
Max. switched voltage: 150 VDC* or 440 VAC
*
Note: If switching voltage is greater than 30 VDC,
special precautions must be taken.
Please contact the factory.
Rated Load
UL
VDE
AZSR235
35 A at 277 VAC, resistive
AZSR250
50 A at 277 VAC, resistive
AZSR235
35 A at 263 VAC, test referring to AC-7a, 85°C
AZSR250
50 A at 263 VAC, test referring to AC-7a, 85°C
Material
Silver tin oxide
Resistance
< 50 milliohms initially
CONTACTS
Power
At Pickup Voltage
(typical)
Max. Continuous
Dissipation
Temperature Rise
270 mW (AZSR250)
2.0 W at 20°C (68°F) ambient
15°C (27°F) at nominal coil voltage
Temperature
Max. 155°C (311°F) Class F
COIL


Podobny numer części - AZSR250-1AE-12D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ZETTLER Electronics
AZSR250-1AE-12D ZETTLER-AZSR250-1AE-12D Datasheet
532Kb / 2P
   50 A (35 A) POWER RELAY
logo
American Zettler, Inc.
AZSR250-1AE-12D AZETTLER-AZSR250-1AE-12D Datasheet
1Mb / 2P
   50A (35A) MINIATURE POWER RELAY
More results

Podobny opis - AZSR250-1AE-12D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ZETTLER Electronics
AZSR235 ZETTLER-AZSR235 Datasheet
532Kb / 2P
   50 A (35 A) POWER RELAY
logo
Vishay Siliconix
1N1183 VISHAY-1N1183_12 Datasheet
297Kb / 8P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 25-May-09
VS-1N1190 VISHAY-VS-1N1190 Datasheet
155Kb / 9P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 28-Jan-14
1N1188RA VISHAY-1N1188RA Datasheet
531Kb / 8P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 04-Dec-12
1N1183 VISHAY-1N1183 Datasheet
274Kb / 6P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 04-Dec-12
1N1190RA VISHAY-1N1190RA Datasheet
531Kb / 8P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 04-Dec-12
logo
TE Connectivity Ltd
F4A TEC-F4A Datasheet
577Kb / 3P
   Power Relay F4 A
logo
Vishay Siliconix
26MB140A VISHAY-26MB140A_12 Datasheet
173Kb / 7P
   Single Phase Bridge (Power Modules), 25 A/35 A
Revision: 17-Jun-08
VS-GBPC3512W VISHAY-VS-GBPC3512W Datasheet
885Kb / 7P
   Single Phase Bridge (Power Modules), 25 A/35 A
Revision: 08-Apr-14
VS-36MB10A VISHAY-VS-36MB10A Datasheet
784Kb / 8P
   Single Phase Bridge (Power Modules), 25 A/35 A
Revision: 10-Jul-13
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com