Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCX70GLT1 Arkusz danych(PDF) 5 Page - Leshan Radio Company

Numer części BCX70GLT1
Szczegółowy opis  General Purpose Transistors(NPN Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LRC [Leshan Radio Company]
Strona internetowa  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BCX70GLT1 Arkusz danych(HTML) 5 Page - Leshan Radio Company

  BCX70GLT1 Datasheet HTML 1Page - Leshan Radio Company BCX70GLT1 Datasheet HTML 2Page - Leshan Radio Company BCX70GLT1 Datasheet HTML 3Page - Leshan Radio Company BCX70GLT1 Datasheet HTML 4Page - Leshan Radio Company BCX70GLT1 Datasheet HTML 5Page - Leshan Radio Company BCX70GLT1 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
M16–5/6
TYPICAL DYNAMIC CHARACTERISTICS
I
C , COLLECTOR CURRENT (mA)
Figure 13. Turn–On Time
I
C , COLLECTOR CURRENT (mA)
Figure 14. Turn–Off Time
I
C , COLLECTOR CURRENT (mA)
Figure 15. Current–Gain — Bandwidth Product
V
R , REVERSE VOLTAGE (VOLTS)
Figure 16. Capacitance
I
C , COLLECTOR CURRENT (mA)
Figure 17. Input Impedance
I
C , COLLECTOR CURRENT (mA)
Figure 18. Output Admittance
t
d @ V BE(off)= 0.5 V
t
f
V
CC= 3.0 V
I
C /I B= 10
I
B1=IB2
T J= 25°C
t
f
t
s
5.0 V
C
ib
C
ob
T J= 25°C
f = 1.0MHz
V
CE= 10 Vdc
f = 1.0 kHz
T
A = 25°C
V
CE= 10 Vdc
f = 1.0 kHz
T
A= 25°C
h
fe
200 @ I
C= 1.0 mA
300
200
100
70
50
30
20
10
7.0
5.0
3.0
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
100
1000
700
500
300
200
100
70
50
30
20
10
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
100
500
300
200
100
70
50
0.5
0.7
1.0
2.0
3.0
5.0 7.0
10
20
30
50
10.0
7.0
5.0
3.0
2.0
1.0
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
20
10
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.3
0.2
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
100
70
50
30
20
10
7.0
5.0
3.0
2.0
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
V
CC= 3.0 V
I
C /I B= 10
T J= 25°C
V
CE=20 V
T
J = 25°C
f=100MHz
h
fe
200 @ I
C= 1.0 mA
BCX70GLT1
BCX70JLT1
BCX70KLT1
~
~
~
~


Podobny numer części - BCX70GLT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BCX70GLT1 MOTOROLA-BCX70GLT1 Datasheet
427Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
BCX70GLT1 ONSEMI-BCX70GLT1 Datasheet
255Kb / 9P
   General Purpose Transistors
August, 2006 ??Rev. 2
More results

Podobny opis - BCX70GLT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com