Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FZT951 Arkusz danych(PDF) 6 Page - Diodes Incorporated

Numer części FZT951
Szczegółowy opis  60V PNP MEDIUM POWER TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT951 Arkusz danych(HTML) 6 Page - Diodes Incorporated

  FZT951_15 Datasheet HTML 1Page - Diodes Incorporated FZT951_15 Datasheet HTML 2Page - Diodes Incorporated FZT951_15 Datasheet HTML 3Page - Diodes Incorporated FZT951_15 Datasheet HTML 4Page - Diodes Incorporated FZT951_15 Datasheet HTML 5Page - Diodes Incorporated FZT951_15 Datasheet HTML 6Page - Diodes Incorporated FZT951_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
FZT951
Datasheet Number: DS33179 Rev. 5 - 2
6 of 7
www.diodes.com
Febuary 2015
© Diodes Incorporated
FZT951
A Product Line of
Diodes Incorporated
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
A1
A
D
b
e
e1
b1
C
E1
L
0°-10°
Q
E
0.25
Seating
Plane
Gauge
Plane
SOT223
Dim
Min
Max
Typ
A
1.55
1.65
1.60
A1
0.010
0.15
0.05
b
0.60
0.80
0.70
b1
2.90
3.10
3.00
C
0.20
0.30
0.25
D
6.45
6.55
6.50
E
3.45
3.55
3.50
E1
6.90
7.10
7.00
e
-
-
4.60
e1
-
-
2.30
L
0.85
1.05
0.95
Q
0.84
0.94
0.89
All Dimensions in mm
Dimensions Value (in mm)
C
2.30
C1
6.40
X
1.20
X1
3.30
Y
1.60
Y1
1.60
Y2
8.00
X1
Y1
Y
X
C
C1
Y2


Podobny numer części - FZT951_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
FZT951 KEXIN-FZT951_15 Datasheet
1Mb / 3P
   PNP Transistors
More results

Podobny opis - FZT951_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
ZX5T1951GTA DIODES-ZX5T1951GTA Datasheet
215Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT591 DIODES-FZT591_15 Datasheet
462Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
ZXTP19060CG DIODES-ZXTP19060CG_15 Datasheet
836Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
ZX5T1951G DIODES-ZX5T1951G_15 Datasheet
196Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
ZX5T1951G DIODES-ZX5T1951G Datasheet
196Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
ZXTP19060CG DIODES-ZXTP19060CG Datasheet
371Kb / 8P
   60V PNP medium transistor in SOT223
logo
Zetex Semiconductors
ZX5T951G ZETEX-ZX5T951G Datasheet
123Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T951G DIODES-ZX5T951G_15 Datasheet
540Kb / 7P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTP2012G ZETEX-ZXTP2012G Datasheet
123Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTP2012G DIODES-ZXTP2012G_15 Datasheet
132Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com