Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FZT953 Arkusz danych(PDF) 4 Page - Diodes Incorporated

Numer części FZT953
Szczegółowy opis  100V PNP MEDIUM POWER TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT953 Arkusz danych(HTML) 4 Page - Diodes Incorporated

  FZT953_15 Datasheet HTML 1Page - Diodes Incorporated FZT953_15 Datasheet HTML 2Page - Diodes Incorporated FZT953_15 Datasheet HTML 3Page - Diodes Incorporated FZT953_15 Datasheet HTML 4Page - Diodes Incorporated FZT953_15 Datasheet HTML 5Page - Diodes Incorporated FZT953_15 Datasheet HTML 6Page - Diodes Incorporated FZT953_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FZT953
Datasheet Number: DS35942 Rev. 4 - 2
4 of 7
www.diodes.com
March 2015
© Diodes Incorporated
FZT953
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ.
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-140
-170
-
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 10)
BVCER
-140
-170
-
V
IC = -1µA, RB 1k
Collector-Emitter Breakdown Voltage (Note 10)
BVCEO
-100
-120
-
V
IC = -1mA
Emitter-Base Breakdown Voltage
BVEBO
-7
-8
-
V
IE = -100µA
Collector Cutoff Current
ICBO
-
-
<1
-
-50
-1
nA
µ
A
VCB = -100V
VCB = -100V, TA = +100°C
Collector Cutoff Current
ICER
R 1k
-
-
<1
-
-50
-1
nA
µA
VCB = -100V
VCB = -100V, TA = +100°C
Emitter Cutoff Current
IEBO
-
<1
-10
nA
VEB = -6V
DC current transfer Static ratio (Note 10)
hFE
100
200
-
-
IC = -10mA, VCE = -1V
100
200
300
IC = -1A, VCE = -1V
50
90
-
IC = -3A, VCE = -1V
30
50
-
IC = -4A, VCE = -1V
-
15
-
IC = -10A, VCE = -1V
Collector-Emitter Saturation Voltage (Note 10)
VCE(sat)
-
-20
-50
mV
IC = -100mA, IB = -10mA
-
-90
-115
IC = -1A, IB = -100mA
-
-160
-220
IC = -2A, IB = -200mA
-
-300
-420
IC = -4A, IB = -400mA
Base-Emitter Saturation Voltage (Note 10)
VBE(sat)
-
-1,010
-1,170
mV
IC = -4A, IB = -400mA
Base-Emitter Turn-on Voltage (Note 10)
VBE(on)
-
-925
-1,160
mV
IC = -4A, VCE = -1V
Transitional Frequency
fT
-
125
-
MHz
IC = -100mA, VCE = -10V,
f = 50MHz
Output capacitance
Cobo
-
65
-
pF
VCB = -10V, f = 1MHz
Switching Time
tON
-
110
-
ns
VCC = -10V, IC = -2A,
IB1 = -IB2 = -200mA
tOFF
-
460
-
Note:
10. Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%.


Podobny numer części - FZT953_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
FZT953 KEXIN-FZT953_15 Datasheet
1Mb / 3P
   PNP Transistors
More results

Podobny opis - FZT953_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
FZT593 DIODES-FZT593_15 Datasheet
562Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR IN SOT223
ZX5T953G DIODES-ZX5T953G_15 Datasheet
216Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR IN SOT223
ZXTP19100CG DIODES-ZXTP19100CG Datasheet
362Kb / 8P
   100V PNP medium transistor in SOT223
ZXTP2013G DIODES-ZXTP2013G_15 Datasheet
419Kb / 7P
   100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZX5T953G ZETEX-ZX5T953G Datasheet
125Kb / 6P
   100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTP2013G ZETEX-ZXTP2013G Datasheet
122Kb / 6P
   100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
FZT853TA DIODES-FZT853TA Datasheet
249Kb / 7P
   100V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT853 DIODES-FZT853_15 Datasheet
485Kb / 7P
   100V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT493 DIODES-FZT493_15 Datasheet
655Kb / 7P
   100V NPN MEDIUM POWER TRANSISTOR IN SOT223
ZX5T1951GTA DIODES-ZX5T1951GTA Datasheet
215Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com