Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MV2111 Arkusz danych(PDF) 1 Page - Leshan Radio Company

Numer części MV2111
Szczegółowy opis  Silicon Tuning Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LRC [Leshan Radio Company]
Strona internetowa  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MV2111 Arkusz danych(HTML) 1 Page - Leshan Radio Company

  MV2111 Datasheet HTML 1Page - Leshan Radio Company MV2111 Datasheet HTML 2Page - Leshan Radio Company MV2111 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
MMBV2101~MMBV2109
–1/3
MV2101~MV2115
1
3
2
CASE 318–08, STYLE 8
SOT– 23 (TO–236AB)
MMBV2101LT1
MMBV2103LT1
MMBV2105LT1
MMBV2107LT1
MMBV2108LT1
MMBV2109LT1
MV2101
MV2104
MV2106
MV2108
MV2109
MV2111
MV2115
These devices are designed in the popular PLASTIC PACKAGE for
high volumerequirements of FM Radio and TV tuning and AFC, general
frequency control andtuning applications.They provide solid–state reliability
in replacement of mechanical tuning methods. Also available in Surface
Mount Package up to 33pF.
• High Q
• Controlled and Uniform Tuning Ratio
• Standard Capacitance Tolerance —10%
• Complete Typical Design Curves
Silicon Tuning Diode
MAXIMUM RATINGS(EACH DIODE)
Rating
Symbol
MV21XX MMBV21XXLT1
Unit
Reverse Voltage
V R
30
Vdc
Forward Current
I F
200
mAdc
Forward power Dissipation @T A = 25°C
P D
280
225
m W
Derate above 25°C
2.8
1.8
mW/°C
Junction Temperature
T J
+150
°C
Storage Temperature Range
T stg
–55 to +150
°C
DEVICE MARKING
MMBV2101LT1=M4G
MMBV2107LT1=4W
MMBV2103LT1=4H
MMBV2108LT1=4X
MMBV2105LT1=4U
MMBV2109LT1=4J
ELECTRICAL CHARACTERISTICS(TA=25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
V (BR)R
30
Vdc
(IR=1.0
µAdc)
Reverse Voltage Leakage Current
I R
0.1
µAdc
(VR=25Vdc,TA=25°C)
Diode Capacitance Temperature Coefficient
TCC
280
ppm/°C
(VR=4.0Vdc,f=1.0MHz)
6.8-100p
30 VOLTS
VOLTAGE VARIABLE
CAPACITANCE DIODES
3
CATHODE
1
ANODE


Podobny numer części - MV2111

ProducentNumer częściArkusz danychSzczegółowy opis
logo
E-Tech Electronics LTD
MV2111 ETL-MV2111 Datasheet
123Kb / 3P
   Silicon Tuning Diode
logo
New Jersey Semi-Conduct...
MV2111 NJSEMI-MV2111 Datasheet
92Kb / 1P
   VOLTAGE-VARIABLE CAPACITANCE DIODES
More results

Podobny opis - MV2111

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
MMBV809LT1 LRC-MMBV809LT1 Datasheet
90Kb / 2P
   Silicon Tuning Diode
logo
Infineon Technologies A...
BBY51 INFINEON-BBY51 Datasheet
444Kb / 3P
   Silicon Tuning Diode
Dec-15-2003
logo
ON Semiconductor
MMVL2105T1 ONSEMI-MMVL2105T1 Datasheet
49Kb / 4P
   Silicon Tuning Diode
February, 2006 ??Rev. 1
MMBV409LT1 ONSEMI-MMBV409LT1 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV432LT1 ONSEMI-MMBV432LT1_06 Datasheet
48Kb / 4P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
MMBV609LT1 ONSEMI-MMBV609LT1_06 Datasheet
46Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV809LT1 ONSEMI-MMBV809LT1_06 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
logo
Infineon Technologies A...
BBY59 INFINEON-BBY59_07 Datasheet
58Kb / 6P
   Silicon Tuning Diode
2007-04-20
BB837 INFINEON-BB837_07 Datasheet
76Kb / 7P
   Silicon Tuning Diode
2007-04-20
BBY65 INFINEON-BBY65_07 Datasheet
56Kb / 6P
   Silicon Tuning Diode
2007-04-20
logo
ON Semiconductor
MMVL105GT1 ONSEMI-MMVL105GT1_06 Datasheet
42Kb / 3P
   Silicon Tuning Diode
February, 2006 ??Rev. 2
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com