Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CZTA27 Arkusz danych(PDF) 1 Page - Central Semiconductor Corp

Numer części CZTA27
Szczegółowy opis  SURFACE MOUNT HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CENTRAL [Central Semiconductor Corp]
Strona internetowa  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CZTA27 Arkusz danych(HTML) 1 Page - Central Semiconductor Corp

  CZTA27 Datasheet HTML 1Page - Central Semiconductor Corp CZTA27 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CZTA27
SURFACE MOUNT
HIGH VOLTAGE NPN
SILICON DARLINGTON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZTA27 type is
a NPN Silicon Darlington Transistor manufactured by
the epitaxial planar process, epoxy molded in a surface
mount package, designed for applications requiring
extremely high gain and high voltage.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Emitter Voltage
VCES
60
V
Emitter-Base Voltage
VEBO
10
V
Continuous Collector Current
IC
500
mA
Power Dissipation
PD
2.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=50V
100
nA
ICES
VCE=50V
500
nA
IEBO
VEB=10V
100
nA
BVCBO
IC=100µA
60
V
BVCES
IC=100µA
60
V
VCE(SAT)
IC=100mA, IB=0.1mA
1.5
V
VBE(ON)
VCE=5.0V, IC=100mA
2.0
V
hFE
VCE=5.0V, IC=10mA
10,000
hFE
VCE=5.0V, IC=100mA
10,000
fT
VCE=5.0V, IC=10mA, f=100MHz
125
MHz
SOT-223 CASE
SOT-223 CASE
R3 (1-March 2010)
www.centra lsemi.com


Podobny numer części - CZTA27

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
CZTA27 CENTRAL-CZTA27 Datasheet
65Kb / 2P
   NPN HIGH VOLTAGE DARLINGTON TRANSISTOR
CZTA27 CENTRAL-CZTA27_10 Datasheet
532Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
More results

Podobny opis - CZTA27

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
CZTA27 CENTRAL-CZTA27_10 Datasheet
532Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
CMPTA29 CENTRAL-CMPTA29_10 Datasheet
327Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
CMPTA29 CENTRAL-CMPTA29 Datasheet
322Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
CZT2000 CENTRAL-CZT2000_10 Datasheet
533Kb / 2P
   SURFACE MOUNT EXTREMELY HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
CMPT6427 CENTRAL-CMPT6427 Datasheet
323Kb / 2P
   SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
CZTA28 CENTRAL-CZTA28_10 Datasheet
533Kb / 2P
   SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
CXTA27 CENTRAL-CXTA27_10 Datasheet
289Kb / 2P
   SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
CMLT6427E CENTRAL-CMLT6427E Datasheet
447Kb / 3P
   SURFACE MOUNT SILICON NPN DARLINGTON TRANSISTOR
CMST6427E CENTRAL-CMST6427E Datasheet
406Kb / 2P
   SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
CZTA28 CENTRAL-CZTA28 Datasheet
528Kb / 2P
   SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com