Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N2223 Arkusz danych(PDF) 1 Page - Central Semiconductor Corp

Numer części 2N2223
Szczegółowy opis  SILICON DUAL NPN TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CENTRAL [Central Semiconductor Corp]
Strona internetowa  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N2223 Arkusz danych(HTML) 1 Page - Central Semiconductor Corp

  2N2223_15 Datasheet HTML 1Page - Central Semiconductor Corp 2N2223_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N2223
2N2223A
SILICON
DUAL NPN TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N2223 and 2N2223A
are dual silicon NPN transistors manufactured by the
epitaxial planar process utilizing two individual chips
mounted in a hermetically sealed metal case designed
for differential amplifier applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCER
80
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
7.0
V
Continuous Collector Current
IC
500
mA
Power Dissipation (One Die)
PD
500
mW
Power Dissipation (Both Dice)
PD
600
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=80V
10
nA
ICBO
VCB=80V, TA=150°C
15
μA
IEBO
VEB=5.0V
10
nA
BVCBO
IC=100μA
100
V
BVCER
IC=100mA, REB=10Ω
80
V
BVCEO
IC=30mA
60
V
BVEBO
IE=100μA
7.0
V
VCE(SAT)
IC=50mA, IB=5.0mA
1.2
V
VBE(SAT)
IC=50mA, IB=5.0mA
0.9
V
hFE
VCE=5.0V, IC=10μA
15
hFE
VCE=5.0V, IC=100μA
25
150
hFE
VCE=5.0V, IC=10mA
50
200
fT
VCE=10V, IC=50mA, f=20MHz
50
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
15
pF
Cib
VBE=0.5V, IC=0, f=1.0MHz
85
pF
hib
VCB=5.0V, IC=1.0mA, f=1.0kHz
20
30
Ω
hrb
VCB=5.0V, IC=1.0mA, f=1.0kHz
3.0
x10-4
hfe
VCE=5.0V, IC=1.0mA, f=1.0kHz
40
200
hob
VCB=5.0V, IC=1.0mA, f=1.0kHz
0.5
μS
MATCHING CHARACTERISTICS:
2N2223
2N2223A
UNITS
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
hFE1/hFE2 (Note 1)
VCE=5.0V, IC=100μA
0.8
1.0
0.9
1.0
|VBE1-VBE2|
VCE=5.0V, IC=100μA
-
15
-
5.0
mV
Notes: (1) The lowest reading is taken as hFE1.
TO-78 CASE
R0 (22-January 2014)
www.centr a lsemi.com


Podobny numer części - 2N2223_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
2N2223A SEME-LAB-2N2223A Datasheet
18Kb / 2P
   DUAL NPN TRANSISTOR IN TO77 HERMETIC PACKAGE
logo
Central Semiconductor C...
2N2223A CENTRAL-2N2223A Datasheet
52Kb / 1P
   Dual Transistors
logo
New Jersey Semi-Conduct...
2N2223A NJSEMI-2N2223A Datasheet
64Kb / 1P
   SI NPN LO-PWR BJT
2N2223A NJSEMI-2N2223A Datasheet
133Kb / 1P
   DUAL AMPLIFIER TRANSISTOR
More results

Podobny opis - 2N2223_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
2N2920 CENTRAL-2N2920 Datasheet
151Kb / 2P
   NPN SILICON DUAL TRANSISTORS
2N2920 CENTRAL-2N2920_15 Datasheet
917Kb / 3P
   SILICON DUAL NPN TRANSISTORS
logo
Seme LAB
BCY89 SEME-LAB-BCY89 Datasheet
18Kb / 2P
   NPN SILICON PLANAR DUAL TRANSISTORS
logo
TT Electronics.
2N3904DCSM TTELEC-2N3904DCSM Datasheet
113Kb / 3P
   SILICON EPITAXIAL DUAL NPN TRANSISTORS
BFY81 TTELEC-BFY81 Datasheet
177Kb / 3P
   SILICON DUAL MATCHED NPN TRANSISTORS
logo
Seme LAB
BCY87 SEME-LAB-BCY87 Datasheet
42Kb / 2P
   NPN SILICON PLANAR DUAL TRANSISTORS
logo
Motorola, Inc
2N2639 MOTOROLA-2N2639 Datasheet
148Kb / 2P
   DUAL AMPLIFIER TRANSISTORS NPN SILICON
logo
Seme LAB
2N3904DCSM SEME-LAB-2N3904DCSM Datasheet
113Kb / 3P
   SILICON EPITAXIAL DUAL NPN TRANSISTORS
BFY81 SEME-LAB-BFY81 Datasheet
177Kb / 3P
   SILICON DUAL MATCHED NPN TRANSISTORS
logo
Central Semiconductor C...
CMXT2222A CENTRAL-CMXT2222A_15 Datasheet
557Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON TRANSISTORS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com