Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CZT31C Arkusz danych(PDF) 1 Page - Central Semiconductor Corp

Numer części CZT31C
Szczegółowy opis  SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CENTRAL [Central Semiconductor Corp]
Strona internetowa  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CZT31C Arkusz danych(HTML) 1 Page - Central Semiconductor Corp

  CZT31C_15 Datasheet HTML 1Page - Central Semiconductor Corp CZT31C_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CZT31C NPN
CZT32C PNP
SURFACE MOUNT
COMPLEMENTARY
SILICON POWER TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZT31C and
CZT32C types are surface mount epoxy molded
complementary silicon transistors manufactured by the
epitaxial base process, designed for surface mounted
power amplifier applications up to 3.0 amps.
MARKING: FULL PART NUMBER
SOT-223 CASE
SOT-223 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
3.0
A
Peak Collector Current
ICM
6.0
A
Continuous Base Current
IB
1.0
A
Power Dissipation
PD
2.0
W
Power Dissipation (TC=25°C)
PD
10
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
Thermal Resistance
ΘJC
12.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICES
VCE=100V
200
µA
ICEO
VCE=60V
300
µA
IEBO
VEB=5.0V
1.0
mA
BVCEO
IC=30mA
100
V
VCE(SAT)
IC=3.0A, IB=375mA
1.2
V
VBE(ON)
VCE=4.0V, IC=3.0A
1.8
V
hFE
VCE=4.0V, IC=1.0A
25
hFE
VCE=4.0V, IC=3.0A
10
100
fT
VCE=10V, IC=500mA, f=1.0MHz
3.0
MHz
R4 (1-March 2010)
www.centra lsemi.com


Podobny numer części - CZT31C_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
CZT31C-C SECOS-CZT31C-C Datasheet
251Kb / 2P
   NPN Silicon Medium Power Transistor
logo
Central Semiconductor C...
CZT31CNPN CENTRAL-CZT31CNPN Datasheet
105Kb / 2P
   2.0W COMPLEMENTARY SILICON
More results

Podobny opis - CZT31C_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
CJD41C CENTRAL-CJD41C_10 Datasheet
425Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CJD340 CENTRAL-CJD340_10 Datasheet
424Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CJD44H11 CENTRAL-CJD44H11_10 Datasheet
425Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CZT2955 CENTRAL-CZT2955_15 Datasheet
604Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CZT2955 CENTRAL-CZT2955_10 Datasheet
604Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CJD2955 CENTRAL-CJD2955_10 Datasheet
425Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CJD31C CENTRAL-CJD31C_10 Datasheet
425Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CJD200 CENTRAL-CJD200_10 Datasheet
425Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CZT31C CENTRAL-CZT31C Datasheet
602Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CMPTA06 CENTRAL-CMPTA06 Datasheet
121Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com