Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M100SG Arkusz danych(PDF) 2 Page - Voltage Multipliers Inc.

Numer części M100SG
Szczegółowy opis  High Voltage Diodes - Axial Lead 10mA - 100mA ??3000ns ??Hermetic
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VMI [Voltage Multipliers Inc.]
Strona internetowa  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

M100SG Arkusz danych(HTML) 2 Page - Voltage Multipliers Inc.

  M100SG Datasheet HTML 1Page - Voltage Multipliers Inc. M100SG Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
47
3
0
1
2
3
4
5
6
7
0
0.2
0.4
0.6
0.8
1
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
25
50
75
100
125
150
175
0
2
4
6
8
10
12
14
16
18
20
0
0.1
0.2
0.3
0.4
0.5
0.1
1
10
100
1000
25
50
75
100
125
150
0
500
1000
1500
2000
2500
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
0
20
40
60
80
100
Lead Temperature (°C)
Forward Current (A)
Temperature (°C)
Reverse Bias Voltage (V)
Temperature (°C)
Forward Current (A)
POWER DERATING
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
TYPICAL REVERSE RECOVERY TIME
VS. TEMPERATURE
TYPICAL JUNCTION CAPACITANCE
VS. REVERSE VOLTAGE AT 25°C
M25SG M50SG M100SG M160SG
L=0.200"
L=0.100"
L=0.000"
L=0.300"
L=0.400"
L=0.500"
M50SG
M25SG
M160SG
M100SG
M25SG
M50SG
M100SG
M160SG


Podobny numer części - M100SG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Voltage Multipliers Inc...
M100SG VMI-M100SG Datasheet
45Kb / 1P
   Spice Model
More results

Podobny opis - M100SG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Voltage Multipliers Inc...
M25FG VMI-M25FG_13 Datasheet
99Kb / 2P
   High Voltage Diodes - Axial Lead 10mA - 100mA ??200ns ??Hermetic
Z25SG VMI-Z25SG_13 Datasheet
97Kb / 2P
   High Voltage Diodes - Axial Lead 300mA - 1500mA ??3000ns ??Hermetic
X25SG VMI-X25SG_13 Datasheet
99Kb / 2P
   High Voltage Diodes - Axial Lead 25mA - 250mA ??3000ns ??Hermetic
MR140FF5 VMI-MR140FF5 Datasheet
60Kb / 1P
   High Voltage Diodes - Axial Lead 10 mA ??50ns - 3000ns
1N6521 VMI-1N6521_13 Datasheet
142Kb / 2P
   High Voltage Diodes - Axial Lead 100mA - 500mA ??70ns ??Hermetic ??JANTX ??JANTXV
X25UFG VMI-X25UFG_13 Datasheet
99Kb / 2P
   High Voltage Diodes - Axial Lead 25mA - 250mA ??100ns ??Hermetic
X25FG VMI-X25FG_13 Datasheet
99Kb / 2P
   High Voltage Diodes - Axial Lead 25mA - 250mA ??200ns ??Hermetic
Z25FG VMI-Z25FG_13 Datasheet
97Kb / 2P
   High Voltage Diodes - Axial Lead 300mA - 1500mA ??200ns ??Hermetic
Z25UFG VMI-Z25UFG_13 Datasheet
98Kb / 2P
   High Voltage Diodes - Axial Lead 300mA - 1500mA ??100ns ??Hermetic
M160UFGHT VMI-M160UFGHT_13 Datasheet
90Kb / 2P
   High Voltage High Temp Diode - Axial Lead 10mA ??100ns
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com