Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDXXFA1FP3 Arkusz danych(PDF) 3 Page - Rohm

Numer części BDXXFA1FP3
Szczegółowy opis  High accuracy output voltage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BDXXFA1FP3 Arkusz danych(HTML) 3 Page - Rohm

  BDXXFA1FP3 Datasheet HTML 1Page - Rohm BDXXFA1FP3 Datasheet HTML 2Page - Rohm BDXXFA1FP3 Datasheet HTML 3Page - Rohm BDXXFA1FP3 Datasheet HTML 4Page - Rohm BDXXFA1FP3 Datasheet HTML 5Page - Rohm BDXXFA1FP3 Datasheet HTML 6Page - Rohm BDXXFA1FP3 Datasheet HTML 7Page - Rohm BDXXFA1FP3 Datasheet HTML 8Page - Rohm BDXXFA1FP3 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3/14
BDxxFA1FP3
Datasheet
TSZ02201-0GAG0A600600-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
08.Jun.2015 Rev.003
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
30.0 *
1
V
Output voltage
Vo
18
V
Power dissipation
SOT89-3K
Pd*
2
1670 *
2
mW
Operating temperature range
Topr
-25 to +85
°C
Storage temperature range
Tstg
-55 to +150
°C
Maximum junction temperature
Tjmax
+150
°C
*1 Not to exceed Pd.
*2 In case Ta≧25°C (114.3mm×76.2mm×1.6mm when mounted on a 4-layer PCB based on JEDEC) is reduced by 11.5mW/°C
Recommended Operating Conditions (Ta=25°C)
Parameter
Symbol
Min.
Max.
Unit
Input power supply voltage
VCC
Vo+3.0
25.0
V
Output current
IO
0.0
0.1
A
Recommended Operating Condition
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Output Capacitor
COUT
0.3 *
3
1.0
-
μF
Ceramic capacitor recommended
*3 The minimum value of capacitor must met this specification over full operating conditions. (Ex: Temperature, DC bias)
Electrical Characteristics (Unless otherwise specified, Vcc= 10.4V, Vo=5.4V, Ta=25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Bias current
ICC
-
300
450
μA
Line Regulation
Reg.I
-1
0.5
1
%
VCC =( Vo+3V )→25.0V
Load Regulation
Reg IO
-1.5
0.5
1.5
%
IO=0→0.1A
Minimum dropout voltage
VCO
-
2.0
3.0
V
IO=0.1A
Output voltage
VO
Vo×0.99
Vo
Vo×1.01
V
IO=0A


Podobny numer części - BDXXFA1FP3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BDXXFC0 ROHM-BDXXFC0 Datasheet
1Mb / 41P
   35V Withstand Voltage 1A LDO Regulators
10.Jan.2017 Rev.005
BDXXFC0WEFJ ROHM-BDXXFC0WEFJ Datasheet
539Kb / 20P
   Low saturation with PDMOS output
BDXXFD0 ROHM-BDXXFD0 Datasheet
1Mb / 31P
   35V Voltage Resistance 2A LDO Regulators
09.Sep.2019 Rev.003
More results

Podobny opis - BDXXFA1FP3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micross Components
AS29372 MICROSS-AS29372 Datasheet
660Kb / 10P
   High output voltage accuracy
logo
STMicroelectronics
L6706 STMICROELECTRONICS-L6706 Datasheet
623Kb / 47P
   High output voltage accuracy
January 2010 Rev 2
logo
Unisonic Technologies
LR8XXYYBG-AE6-R UTC-LR8XXYYBG-AE6-R Datasheet
176Kb / 6P
   High Output Voltage Accuracy
logo
Analog Devices
ADP7183-EVALZ AD-ADP7183-EVALZ Datasheet
440Kb / 9P
   Output voltage accuracy
logo
Panasonic Semiconductor
AN1433SSM PANASONIC-AN1433SSM Datasheet
98Kb / 7P
   High accuracy, variable output, low voltage operation shunt regulator
logo
Texas Instruments
LP2950-N TI-LP2950-N Datasheet
1Mb / 43P
[Old version datasheet]   5V, 3V, and 3.3V Versions Available, High Accuracy Output Voltage
logo
Maxim Integrated Produc...
MAX6666 MAXIM-MAX6666_V01 Datasheet
1Mb / 7P
   High-Accuracy PWM Output Temperature Sensors
2014
MAX6666 MAXIM-MAX6666 Datasheet
268Kb / 8P
   High-Accuracy PWM Output Temperature Sensors
Rev 1; 12/03
MAX6666 MAXIM-MAX6666_09 Datasheet
124Kb / 7P
   High-Accuracy PWM Output Temperature Sensors
Rev 3; 8/09
logo
Analog Devices
ADR3412 AD-ADR3412 Datasheet
900Kb / 24P
   Micropower, High Accuracy Voltage References
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com