Zakładka z wyszukiwarką danych komponentów |
|
BU26154MUV Arkusz danych(PDF) 7 Page - Rohm |
|
BU26154MUV Arkusz danych(HTML) 7 Page - Rohm |
7 / 89 page Datasheet Datasheet 7/86 TSZ02201-0V1V0R501570-1-2 © 2014 ROHM Co., Ltd. All rights reserved. 23.Jun.2014 Rev.001 www.rohm.com TSZ22111 • 15 • 001 BU26154MUV AC Characteristics Clock PLL not used (HGND1= HGND2=SPGND=CPGND=TGND=0V, HVDD=3.3V, SPVDD=3.3V, CPVDD=3.3V, TVDD=3.3V, Ta=25℃) Parameter Symbol Min Max Unit MCLKI Frequency fC 4.096 49.152 MHz MCLKI Period tC 1/fC 1/fC ns MCLKI “H” Length tCH tC*0.4 - ns MCLKI “L” Length tCL tC*0.4 - ns PLL used (HGND1= HGND2=SPGND=CPGND=TGND=0V, HVDD=3.3V, SPVDD=3.3V, CPVDD=3.3V, TVDD=3.3V,Ta=25℃) Parameter Symbol Min Max Unit MCLKI Frequency fC 6.75 54 MHz MCLKI Period tC 1/fC 1/fC ns MCLKI “H” Length tCH tC*0.4 - ns MCLKI “L” Length tCL tC*0.4 - ns When PLL is use, clock from SAI_BCLK pin other than MCLKI pin could be inputted. Please refer to SAI slave clause about the BCLK pin input frequency. Figure 4 Reset (HGND1= HGND2=SPGND=CPGND=TGND=0V, HVDD=3.3V, SPVDD=3.3V, CPVDD=3.3V, TVDD=3.3V, Ta=25℃) Parameter Symbol Min Max. Unit RESETB pulse width tW_RST 5 - µ s Figure 5 When Reset pin is made low-level, internal LDO goes to power mode. 1ms is necessary until REGOUT pin becomes low-level. The recommended tW_RST is over 1ms. MCLKI tC, fC tCH tCL RESETB tW_RST |
Podobny numer części - BU26154MUV |
|
Podobny opis - BU26154MUV |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |