Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPI400ACA8 Arkusz danych(PDF) 1 Page - Sparkle Power Inc.

Numer części SPI400ACA8
Szczegółowy opis  Complied with ATX12V standard
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SPI [Sparkle Power Inc.]
Strona internetowa  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

SPI400ACA8 Arkusz danych(HTML) 1 Page - Sparkle Power Inc.

  SPI400ACA8 Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Input Characteristics
Input Range: 90 ~ 264Vac (RMS), Full Range Input
Frequency: 47 ~ 63Hz
Input Current: Max .0A @ 115Vac,
A @ 230Vac
Inrush Current: No damage.
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com
Specification
Temperature Range: Operating: 0°C ~ +25°C; storage &
shipping: -40°C ~ +70°C
Humidity: 85% on operating, 95% on storage
Dielectric Withstand: Primary frame ground 1800V AC for
1 second
Efficiency: 82% minimum.
Rise time: Less than 20ms
Hold-up Time: 16ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ~ 500ms, off
delay 1ms minimum (TTL and CMOS compatible)
Leakage Current: Less than 3.5mA at 264Vac, 50Hz
MTBF: 100,000 hours on maximum load at +25°C
Dimensions (LxWxH): 140x150x86mm /5.5x5.9x3.4 inch
Output Characteristics
SPI400ACA8
(80PLUS Bronze, 2013 ErP, RoHS Compliant)
400 Watts, ATX Switching Power Supply
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Features
Complied with ATX12V standard
Active Power Factor Correction (PFC) meet EN61000-3-2
High efficiency and reliability
Compatible with European Union Directive 2002/95/EC
(Restriction on Hazardous Substances).
Remote ON/OFF function
Internal 12V DC fan included
Noise Killer (thermal fan speed control function)
Low noise and ripple
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settable power shut down
Complies with FCC part 15 subpart J class B 115Vac operation,
and CISPR 22 class B at 230Vac operation
Approved by UL/CUL 60950-1,TUV EN60950-1,
IEC60950-1 (CB Report), CE, FCC, EMC report


Podobny numer części - SPI400ACA8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sparkle Power Inc.
SPI400ACAG SPI-SPI400ACAG Datasheet
769Kb / 2P
   400 Watts ATX12V 2.3 Switching Power Supply Meet 2010 ErP
More results

Podobny opis - SPI400ACA8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sparkle Power Inc.
SPI300EP SPI-SPI300EP Datasheet
46Kb / 1P
   Complied with ATX12V standard
FSP100-50LM SPI-FSP100-50LM Datasheet
99Kb / 1P
   Complied with ATX12V standard
FSP250-60PFG SPI-FSP250-60PFG Datasheet
46Kb / 1P
   Complied with ATX12V standard
FSP300-60PFK SPI-FSP300-60PFK Datasheet
43Kb / 1P
   Complied with ATX12V standard
FSP460-60GHN SPI-FSP460-60GHN Datasheet
519Kb / 1P
   Complied with ATX12V standard
SPI400A8BB24 SPI-SPI400A8BB24 Datasheet
50Kb / 1P
   Complied with ATX12V standard
FSP1200-50AAG SPI-FSP1200-50AAG Datasheet
41Kb / 1P
   Complied with ATX12V standard
FSP400-60GHN SPI-FSP400-60GHN Datasheet
371Kb / 1P
   Complied with ATX12V standard
FSP300-70PFL SPI-FSP300-70PFL Datasheet
46Kb / 1P
   Complied with ATX12V standard
FSP350-60GHN85 SPI-FSP350-60GHN85 Datasheet
256Kb / 1P
   Complied with ATX12V standard
SPI500ACA8 SPI-SPI500ACA8 Datasheet
588Kb / 1P
   Complied with ATX12V standard
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com