Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC0408FC3.3C Arkusz danych(PDF) 3 Page - Protek Devices

Numer części LC0408FC3.3C
Szczegółowy opis  200w low capacitance fl ip chip tvs arr ay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PROTEC [Protek Devices]
Strona internetowa  http://www.protekdevices.com
Logo PROTEC - Protek Devices

LC0408FC3.3C Arkusz danych(HTML) 3 Page - Protek Devices

  LC0408FC3.3C Datasheet HTML 1Page - Protek Devices LC0408FC3.3C Datasheet HTML 2Page - Protek Devices LC0408FC3.3C Datasheet HTML 3Page - Protek Devices LC0408FC3.3C Datasheet HTML 4Page - Protek Devices LC0408FC3.3C Datasheet HTML 5Page - Protek Devices LC0408FC3.3C Datasheet HTML 6Page - Protek Devices LC0408FC3.3C Datasheet HTML 7Page - Protek Devices LC0408FC3.3C Datasheet HTML 8Page - Protek Devices LC0408FC3.3C Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05153.R9 9/12
Page 3
LC0408FC3.3C - LC0408FC36C
tyPiCaL DeviCe ChaRaCteRistiCs
FiGuRe 1
PeaK PuLse PoweR vs PuLse tiMe
t
d - Pulse Duration - µs
200W, 8/20µs Waveform
0.1
1
10
100
1,000
10,000
10
100
1,000
10,000
Peak Pulse Power
8/20µs
Average Power
FiGuRe 3
PoweR DeRatinG CuRve
t
a - ambient temperature - °C
0
25
50
75
100
125
150
0
20
40
60
80
100
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
e-t
Peak Value I
PP
t
d = t/(IPP/2)
FiGuRe 2
PuLse wave FoRM
t - time - µs
0
5
10
15
20
25
30
0
20
40
60
80
100
120


Podobny numer części - LC0408FC3.3C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Protek Devices
LC0408FC3.3C PROTEC-LC0408FC3.3C Datasheet
123Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0408FC3.3C PROTEC-LC0408FC3.3C Datasheet
84Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0408FC3.3C PROTEC-LC0408FC3.3C Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
LC0408FC3.3C PROTEC-LC0408FC3.3C_07 Datasheet
84Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0408FC3.3C PROTEC-LC0408FC3.3C_11 Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
More results

Podobny opis - LC0408FC3.3C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Protek Devices
PLR3304 PROTEC-PLR3304_12 Datasheet
819Kb / 7P
   ultra low capacitance steering diode/tvs arr ay
PLR0508 PROTEC-PLR0508_12 Datasheet
916Kb / 7P
   ultra low capacitance steering diode/tvs arr ay
SRV05-4M PROTEC-SRV05-4M Datasheet
613Kb / 7P
   ultra low capacitance steering diode/tvs arr ay
SRV2.8-4 PROTEC-SRV2.8-4 Datasheet
555Kb / 7P
   ultra low capacitance steering diode/tvs arr ay
PLR0524P PROTEC-PLR0524P Datasheet
778Kb / 6P
   ultra low capacitance steering diode/tvs arr ay
SLVU2.8-4LC PROTEC-SLVU2.8-4LC Datasheet
636Kb / 9P
   600 WATT MULTI-LINE ult ra LOW CAPACITANCE TVS ARR AY
LC0402FC3.3C PROTEC-LC0402FC3.3C Datasheet
623Kb / 9P
   200W LOW CAPACITANCE flip chip tvs array
LC0404FC3.3C PROTEC-LC0404FC3.3C_11 Datasheet
537Kb / 8P
   200W LOW CAPACITANCE flip chip tvs array
LC0408FC3.3C PROTEC-LC0408FC3.3C_11 Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
LC0402FC3.3C PROTEC-LC0402FC3.3C_12 Datasheet
625Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com