Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC0408FC24C Arkusz danych(PDF) 2 Page - Protek Devices

Numer części LC0408FC24C
Szczegółowy opis  200w low capacitance fl ip chip tvs arr ay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PROTEC [Protek Devices]
Strona internetowa  http://www.protekdevices.com
Logo PROTEC - Protek Devices

LC0408FC24C Arkusz danych(HTML) 2 Page - Protek Devices

  LC0408FC24C Datasheet HTML 1Page - Protek Devices LC0408FC24C Datasheet HTML 2Page - Protek Devices LC0408FC24C Datasheet HTML 3Page - Protek Devices LC0408FC24C Datasheet HTML 4Page - Protek Devices LC0408FC24C Datasheet HTML 5Page - Protek Devices LC0408FC24C Datasheet HTML 6Page - Protek Devices LC0408FC24C Datasheet HTML 7Page - Protek Devices LC0408FC24C Datasheet HTML 8Page - Protek Devices LC0408FC24C Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05153.R9 9/12
Page 2
LC0408FC3.3C - LC0408FC36C
tyPiCaL DeviCe ChaRaCteRistiCs
MaXiMuM RatinGs @ 25°C unless otherwise specified
PaRaMeteR
syMBoL
vaLue
units
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
200
Watts
Operating Temperature
T
A
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
eLeCtRiCaL ChaRaCteRistiCs PeR Line @ 25°C unless otherwise specified
PaRt
nuMBeR
(note 1)
RateD
stanD-oFF
voLtaGe
v
wM
voLts
MiniMuM
BReaKDown
voLtaGe
@ 1ma
v
(BR)
voLts
MaXiMuM
CLaMPinG
voLtaGe
(Fig. 2)
@ i
P = 1a
v
C
voLts
MaXiMuM
CLaMPinG
voLtaGe
(Fig. 2)
@ 8/20µs
v
C @ iPP
MaXiMuM
LeaKaGe
CuRRent
(note 2)
@v
wM
i
D
µa
tyPiCaL
CaPaCitanCe
@0v, 1Mhz
C
pF
LC0408FC3.3C
3.3
4.0
7.0
12.5V @ 16A
75*
70
LC0408FC05C
5.9
6.0
11.0
13.0 @ 15A
10**
35
LC0408FC08C
8.0
8.5
13.2
18.0V @ 11A
1
32
LC0408FC12C
12.0
13.3
19.8
26.9V @ 7.4A
1
30
LC0408FC15C
15.0
16.7
25.4
34.5V @ 5.8A
1
25
LC0408FC24C
24.0
26.7
37.2
50.6V @ 4A
1
20
LC0408FC36C
36.0
40.0
70.0
80.0V @ 2.5A
1
18
notes
1. All devices are bidirectional. Electrical characteristics apply in both directions.
2. *Maximum leakage current < 5µA @ 2.8V. **Maximum leakage current < 500nA @ 3.3V.


Podobny numer części - LC0408FC24C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Protek Devices
LC0408FC24C PROTEC-LC0408FC24C Datasheet
123Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0408FC24C PROTEC-LC0408FC24C Datasheet
84Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0408FC24C PROTEC-LC0408FC24C Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
More results

Podobny opis - LC0408FC24C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Protek Devices
PLR3304 PROTEC-PLR3304_12 Datasheet
819Kb / 7P
   ultra low capacitance steering diode/tvs arr ay
PLR0508 PROTEC-PLR0508_12 Datasheet
916Kb / 7P
   ultra low capacitance steering diode/tvs arr ay
SRV05-4M PROTEC-SRV05-4M Datasheet
613Kb / 7P
   ultra low capacitance steering diode/tvs arr ay
SRV2.8-4 PROTEC-SRV2.8-4 Datasheet
555Kb / 7P
   ultra low capacitance steering diode/tvs arr ay
PLR0524P PROTEC-PLR0524P Datasheet
778Kb / 6P
   ultra low capacitance steering diode/tvs arr ay
SLVU2.8-4LC PROTEC-SLVU2.8-4LC Datasheet
636Kb / 9P
   600 WATT MULTI-LINE ult ra LOW CAPACITANCE TVS ARR AY
LC0402FC3.3C PROTEC-LC0402FC3.3C Datasheet
623Kb / 9P
   200W LOW CAPACITANCE flip chip tvs array
LC0404FC3.3C PROTEC-LC0404FC3.3C_11 Datasheet
537Kb / 8P
   200W LOW CAPACITANCE flip chip tvs array
LC0408FC3.3C PROTEC-LC0408FC3.3C_11 Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
LC0402FC3.3C PROTEC-LC0402FC3.3C_12 Datasheet
625Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com