Zakładka z wyszukiwarką danych komponentów |
|
IRF2204SPBF Arkusz danych(PDF) 2 Page - International Rectifier |
|
IRF2204SPBF Arkusz danych(HTML) 2 Page - International Rectifier |
2 / 11 page IRF2204S/LPbF 2 www.irf.com Parameter Min. Typ. Max. Units Conditions V(BR)DSS Drain-to-Source Breakdown Voltage 40 ––– ––– V VGS = 0V, ID = 250µA ∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient ––– 0.041 ––– V/°C Reference to 25°C, ID = 1mA RDS(on) Static Drain-to-Source On-Resistance ––– 3.0 3.6 m Ω VGS = 10V, ID = 130A VGS(th) Gate Threshold Voltage 2.0 ––– 4.0 V VDS = 10V, ID = 250µA gfs Forward Transconductance 120 ––– ––– S VDS = 10V, ID = 130A ––– ––– 20 µA VDS = 40V, VGS = 0V ––– ––– 250 VDS = 32V, VGS = 0V, TJ = 150°C Gate-to-Source Forward Leakage ––– ––– 200 VGS = 20V Gate-to-Source Reverse Leakage ––– ––– -200 nA VGS = -20V Qg Total Gate Charge ––– 130 200 ID = 130A Qgs Gate-to-Source Charge ––– 35 52 nC VDS = 32V Qgd Gate-to-Drain ("Miller") Charge ––– 39 59 VGS = 10V td(on) Turn-On Delay Time ––– 15 ––– VDD = 20V tr Rise Time ––– 140 ––– ID = 130A td(off) Turn-Off Delay Time ––– 62 ––– RG = 2.5 Ω tf Fall Time ––– 110 ––– VGS = 10V Between lead, ––– ––– 6mm (0.25in.) from package and center of die contact Ciss Input Capacitance ––– 5890 ––– VGS = 0V Coss Output Capacitance ––– 1570 ––– pF VDS = 25V Crss Reverse Transfer Capacitance ––– 130 ––– ƒ = 1.0MHz, See Fig. 5 Coss Output Capacitance ––– 8000 ––– VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz Coss Output Capacitance ––– 1370 ––– VGS = 0V, VDS = 32V, ƒ = 1.0MHz Coss eff. Effective Output Capacitance ––– 2380 ––– VGS = 0V, VDS = 0V to 32V nH Electrical Characteristics @ TJ = 25°C (unless otherwise specified) LD Internal Drain Inductance LS Internal Source Inductance ––– ––– S D G IGSS ns 4.5 7.5 IDSS Drain-to-Source Leakage Current S D G Parameter Min. Typ. Max. Units Conditions IS Continuous Source Current MOSFET symbol (Body Diode) ––– ––– showing the ISM Pulsed Source Current integral reverse (Body Diode) ––– ––– p-n junction diode. VSD Diode Forward Voltage ––– ––– 1.3 V TJ = 25°C, IS = 130A, VGS = 0V trr Reverse Recovery Time ––– 68 100 ns TJ = 25°C, IF = 130A Qrr Reverse RecoveryCharge ––– 120 180 nC di/dt = 100A/µs ton Forward Turn-On Time Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD) Source-Drain Ratings and Characteristics 170 850 A |
Podobny numer części - IRF2204SPBF |
|
Podobny opis - IRF2204SPBF |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |