Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF2807SPBF Arkusz danych(PDF) 1 Page - International Rectifier

Numer części IRF2807SPBF
Szczegółowy opis  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF2807SPBF Arkusz danych(HTML) 1 Page - International Rectifier

  IRF2807SPBF_15 Datasheet HTML 1Page - International Rectifier IRF2807SPBF_15 Datasheet HTML 2Page - International Rectifier IRF2807SPBF_15 Datasheet HTML 3Page - International Rectifier IRF2807SPBF_15 Datasheet HTML 4Page - International Rectifier IRF2807SPBF_15 Datasheet HTML 5Page - International Rectifier IRF2807SPBF_15 Datasheet HTML 6Page - International Rectifier IRF2807SPBF_15 Datasheet HTML 7Page - International Rectifier IRF2807SPBF_15 Datasheet HTML 8Page - International Rectifier IRF2807SPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IRF2807SPbF
IRF2807LPbF
HEXFET® Power MOSFET
1/4/05
VDSS = 75V
RDS(on) = 13mΩ
ID = 82A
‡
S
D
G
Advanced HEXFET® Power MOSFETs from International
Rectifier utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET power MOSFETs are well
known for, provides the designer with an extremely efficient
and reliable device for use in a wide variety of applications.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the highest
power capability and the lowest possible on-resistance in any
existing surface mount package. The D2Pak is suitable for
high current applications because of its low internal connection
resistance and can dissipate up to 2.0W in a typical surface
mount application.
The through-hole version (IRF2807L) is available for low-
profile applications.
l Advanced Process Technology
l Ultra Low On-Resistance
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
l Lead-Free
Description
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
82
‡
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
58
A
IDM
Pulsed Drain Current

280
PD @TC = 25°C
Power Dissipation
230
W
Linear Derating Factor
1.5
W/°C
VGS
Gate-to-Source Voltage
± 20
V
IAR
Avalanche Current

43
A
EAR
Repetitive Avalanche Energy

23
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.9
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
D2Pak
IRF2807SPbF
TO-262
IRF2807LPbF
www.irf.com
1
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.75
RθJA
Junction-to-Ambient (PCB mount)**
–––
40
Thermal Resistance
°C/W
PD - 95945


Podobny numer części - IRF2807SPBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF2807SPBF IRF-IRF2807SPBF Datasheet
269Kb / 10P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRF2807SPBF KERSEMI-IRF2807SPBF Datasheet
4Mb / 10P
   Advanced Process Technology Ultra Low On-Resistance
More results

Podobny opis - IRF2807SPBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com