Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TP-105 Arkusz danych(PDF) 1 Page - Tyco Electronics

Numer części TP-105
Szczegółowy opis  RF Pulse Transformer 500 kHz - 1 GHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

TP-105 Arkusz danych(HTML) 1 Page - Tyco Electronics

  TP-105 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel. +85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
2-8
RF Pulse Transformer
500 kHz - 1 GHz
TP-105
V2.00
Features
Guaranteed Specifications*
Operating Characteristics
Schematic
Ordering Information
(From -55°C to +85°C)
50 Ohms Unbalanced/12.5 Ohms Unbalanced
Low VSWR - 1.1:1 Typ
Low Insertion Loss - 0.4 dB Typ
q
q
q
FP-1
Weight (Approx.): 0.07 Ounces 2 Grams
Dimensions in ( ) are in mm.
Typical Performance
MIL-STD screening option available.
Unless Otherwise Noted: .xxx = ±0.010 (.xx = ±0.25)
.xx = ±0.02 (.x = ±0.5)


Podobny numer części - TP-105

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
TP-105 MA-COM-TP-105 Datasheet
60Kb / 2P
   RF Pulse Transformer, 500 KHz - 1 GHz
TP-105 MA-COM-TP-105 Datasheet
60Kb / 2P
   RF Pulse Transformer
logo
Texas Instruments
TP-105-40-00 TI1-TP-105-40-00 Datasheet
332Kb / 14P
[Old version datasheet]   ISO5500EVM
More results

Podobny opis - TP-105

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
TP-103 MA-COM-TP-103 Datasheet
53Kb / 2P
   RF Pulse Transformer, 500 KHz - 1 GHz
TP-105 MA-COM-TP-105 Datasheet
60Kb / 2P
   RF Pulse Transformer, 500 KHz - 1 GHz
logo
Tyco Electronics
TP-101 MACOM-TP-101 Datasheet
120Kb / 1P
   RF Pulse Transformer 500 kHz - 1.5 GHz
logo
M/A-COM Technology Solu...
TP-101 MA-COM-TP-101 Datasheet
59Kb / 2P
   RF Pulse Transformer, 500 KHz - 1.5 GHz
logo
Tyco Electronics
TP-103 MACOM-TP-103 Datasheet
113Kb / 1P
   RF Pulse Transformer 500 kHz - 1GHz
logo
M/A-COM Technology Solu...
TP-102 MA-COM-TP-102 Datasheet
60Kb / 2P
   RF Pulse Transformer, 1 - 500 MHz
logo
Tyco Electronics
TP-102 MACOM-TP-102 Datasheet
109Kb / 1P
   RF Pulse Transformer 1 - 500 MHz
logo
SIRENZA MICRODEVICES
FP-504 SIRENZA-FP-504 Datasheet
85Kb / 1P
   Wideband RF/Pulse Transformer 1-500 MHz
HF-110 SIRENZA-HF-110 Datasheet
86Kb / 1P
   Wideband RF/Pulse Transformer 1-500 MHz/1-700 MHz
logo
M/A-COM Technology Solu...
TP-104 MA-COM-TP-104 Datasheet
60Kb / 2P
   RF Pulse Transformer, 750 KHz - 400 MHz
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com