Zakładka z wyszukiwarką danych komponentów |
|
MJ15025 Arkusz danych(PDF) 1 Page - ON Semiconductor |
|
MJ15025 Arkusz danych(HTML) 1 Page - ON Semiconductor |
1 / 4 page © Semiconductor Components Industries, LLC, 2013 August, 2013 − Rev. 12 1 Publication Order Number: MJ15023/D MJ15023 (PNP), MJ15025 (PNP) Silicon Power Transistors The MJ15023 and MJ15025 are power transistors designed for high power audio, disk head positioners and other linear applications. Features • High Safe Operating Area • High DC Current Gain • Complementary to MJ15022 (NPN), MJ15024 (NPN) • These Devices are Pb−Free and are RoHS Compliant* MAXIMUM RATINGS Rating Symbol Value Unit Collector−Emitter Voltage MJ15023 MJ15025 VCEO 200 250 Vdc Collector−Base Voltage MJ15023 MJ15025 VCBO 350 400 Vdc Emitter−Base Voltage VEBO 5 Vdc Collector−Emitter Voltage VCEX 400 Vdc Collector Current − Continuous (Note 1) IC 16 Adc Collector Current − Peak (Note 1) ICM 30 Adc Base Current − Continuous IB 5 Adc Total Device Dissipation @ TC = 25_C Derate above 25 _C PD 250 1.43 W W/ _C Operating and Storage Junction Temperature Range TJ, Tstg −65 to +200 _C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Pulse Test: Pulse Width = 5 ms, Duty Cycle ≤ 10%. THERMAL CHARACTERISTICS Characteristics Symbol Max Unit Thermal Resistance, Junction−to−Case RqJC 0.70 _C/W *For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. 16 AMPERES SILICON POWER TRANSISTORS 200 − 250 VOLTS, 250 WATTS http://onsemi.com MARKING DIAGRAM Device Package Shipping ORDERING INFORMATION MJ15023G TO−204 (Pb−Free) 100 Units / Tray MJ1502xG AYWW MEX TO−204 (TO−3) CASE 1−07 STYLE 1 MJ1502x = Device Code x = 3 or 5 G = Pb−Free Package A = Assembly Location Y = Year WW = Work Week MEX = Country of Origin MJ15025G TO−204 (Pb−Free) 100 Units / Tray 1 BASE 2 EMITTER COLLECTOR CASE 1 2 CASE |
Podobny numer części - MJ15025 |
|
Podobny opis - MJ15025 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |