Zakładka z wyszukiwarką danych komponentów |
|
KIA78R06PI Arkusz danych(PDF) 1 Page - KEC(Korea Electronics) |
|
KIA78R06PI Arkusz danych(HTML) 1 Page - KEC(Korea Electronics) |
1 / 8 page 2008. 6. 24 1/8 SEMICONDUCTOR TECHNICAL DATA KIA78R05PI~KIA78R35PI BIPOLAR LINEAR INTEGRATED CIRCUIT Revision No : 3 4 TERMINAL LOW DROPOUT VOLTAGE REGULATOR The KIA78R ×× series are Low Dropout Voltage Regulator suitable for various electronic equipments. It provides constant voltage power source with TO-220IS-4 terminal surface mount type PKG. The Regulator has multi function such as over current protection, overheat protection and ON/OFF control. FEATURES ・1.0A Output Low Dropout Voltage Regulator. ・Built in ON/OFF Control Terminal. ・Built in Over Current Protection, Over Heat Protection Function. LINE UP MAXIMUM RATINGS (Ta=25 ℃) ITEM OUTPUT VOLTAGE (Typ.) UNIT KIA78R05PI 5 V KIA78R06PI 6 KIA78R08PI 8 KIA78R09PI 9 KIA78R10PI 10 KIA78R12PI 12 KIA78R15PI 15 KIA78R25PI 2.5 KIA78R33PI 3.3 KIA78R35PI 3.5 CHARACTERISTIC SYMBOL RATING UNIT REMARK Input Voltage VIN 35 V - ON/OFF Control Voltage VC 35 V - Output Current IO 1 A - Power Dissipation 1 PD1 1.5 W No Heatsink Power Dissipation 2 PD2 15 W Infinite Heatsink Operating Junction Temperature TJ(opr) -40 ~150 ℃ - Storage Temperature Tstg -45 ~150 ℃ - Soldering Temperature (10sec) Tsol 260 ℃ - |
Podobny numer części - KIA78R06PI |
|
Podobny opis - KIA78R06PI |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |