Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KIA79S05P Arkusz danych(PDF) 11 Page - KEC(Korea Electronics)

Numer części KIA79S05P
Szczegółowy opis  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA79S05P Arkusz danych(HTML) 11 Page - KEC(Korea Electronics)

Back Button KIA79S05P Datasheet HTML 4Page - KEC(Korea Electronics) KIA79S05P Datasheet HTML 5Page - KEC(Korea Electronics) KIA79S05P Datasheet HTML 6Page - KEC(Korea Electronics) KIA79S05P Datasheet HTML 7Page - KEC(Korea Electronics) KIA79S05P Datasheet HTML 8Page - KEC(Korea Electronics) KIA79S05P Datasheet HTML 9Page - KEC(Korea Electronics) KIA79S05P Datasheet HTML 10Page - KEC(Korea Electronics) KIA79S05P Datasheet HTML 11Page - KEC(Korea Electronics) KIA79S05P Datasheet HTML 12Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
1997. 3. 21
11/12
KIA79S05P~KIA79S24P
Revision No : 2
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
1
Tj=25
-25.0
-24.0
-23.0
V
Input Regulation
Reg line
1
Tj=25
-38V VIN -27V
-
35
350
mV
-38V VIN -28V
-
30
300
Load Regulation
Reg load
1
Tj=25
1.0mA IOUT 100mA
-
40
200
mV
1.0mA IOUT 40mA
-
20
100
Output Voltage
VOUT
1
-38V VIN -27V
1.0mA IOUT 40mA
-25.2
-
-22.8
V
VIN=-33V, 1.0mA IOUT 70mA
-25.2
-
-22.8
Quiescent Current
IB
1
Tj=25
-
3.5
6.5
mA
Tj=125
-
-
6.0
Quiescent Current Change
IBI
1
-38V VIN -28V
-
-
1.5
mA
IBO
1.0mA IOUT 40mA
-
-
0.1
Output Noise Voltage
VNO
3
Ta=25 , 10Hz f 100kHz
-
200
-
Vrms
Long Term Stability
VOUT/ t
1
-
56
-
mV/
1.0kHrs
Ripple Rejection Ratio
RR
2
-35V VIN -29V,
Tj=25 , f=120Hz
31
47
-
dB
Dropout Voltage
VIN-
VOUT
1
Tj=25 , IOUT=40mA
-
1.7
-
V
Average Temperature
Coefficient of Output Voltage
TCVO
1
IOUT=5mA
-
-2.0
-
mV/
ELECTRICAL CHARACTERISTICS
KIA79S24P
(Unless otherwise specified, VIN=-33V, IOUT=40mA, CIN=0.33 F, COUT=0.1 F, 0
Tj 125 )


Podobny numer części - KIA79S05P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KIA79S05P KEC-KIA79S05P Datasheet
242Kb / 12P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL NEGATIVE VOLTAGE REGULATORS)
More results

Podobny opis - KIA79S05P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com