Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KIC7SZ32FU Arkusz danych(PDF) 1 Page - KEC(Korea Electronics)

Numer części KIC7SZ32FU
Szczegółowy opis  SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC7SZ32FU Arkusz danych(HTML) 1 Page - KEC(Korea Electronics)

  KIC7SZ32FU_15 Datasheet HTML 1Page - KEC(Korea Electronics) KIC7SZ32FU_15 Datasheet HTML 2Page - KEC(Korea Electronics) KIC7SZ32FU_15 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2008. 9. 17
1/3
SEMICONDUCTOR
TECHNICAL DATA
KIC7SZ32FU
SILICON MONOLITHIC CMOS
DIGITAL INTEGRATED CIRCUIT
Revision No : 2
2 INPUT OR GATE
FEATURES
・High Output Drive : ±24mA (Typ.) @V
CC=3V
・Super High Speed Operation : t
PD=2.4ns(Typ.) @VCC=5V, 50pF
・Operation Voltage Range : V
CC(opr)=1.8~5.5V.
・Supply Voltage Data Retention : V
CC=1.5~5.5V.
・5V Tolerant Function
DIM
MILLIMETERS
A
B
D
G
USV
2.00 0.20
1.25 0.1
2.1 0.1
0.2+0.10/-0.05
0-0.1
0.9 0.1
0.65
0.15+0.1/-0.05
B1
H
C
T
G
1
3
2
B
B1
D
T
5
4
1.3 0.1
A1
+
_
+
_
+
_
+
_
+
_
MAXIMUM RATINGS (Ta=25
℃)
MARKING
Type Name
Lot No.
TG
PIN CONNECTION (TOP VIEW)
12
3
4
5
VCC
OUT Y
IN B
IN A
GND
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage Range
VCC
-0.5
~6
V
DC Input Voltage
VIN
-0.5
~6
V
DC Output Voltage
VOUT
-0.5
~6
V
Input Diode Current
IIK
±20
mA
Output Diode Current
IOK
±20
mA
DC Output Current
IOUT
±50
mA
DC VCC/Ground Current
ICC
±50
mA
Power Dissipation
PD
200
mW
Storage Temperature
Tstg
-65
~150
Lead Temperature (10s)
TL
260


Podobny numer części - KIC7SZ32FU_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KIC7SZ32FU KEC-KIC7SZ32FU Datasheet
30Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results

Podobny opis - KIC7SZ32FU_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S66FU KEC-KIC7S66FU_08 Datasheet
33Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TC7S04FUTE85L TOSHIBA-TC7S04FUTE85L Datasheet
183Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7S32FU KEC-KIC7S32FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com