Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLPGE158P Arkusz danych(PDF) 1 Page - Marktech Corporate

Numer części TLPGE158P
Szczegółowy opis  TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MARKTECH [Marktech Corporate]
Strona internetowa  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLPGE158P Arkusz danych(HTML) 1 Page - Marktech Corporate

  TLPGE158P Datasheet HTML 1Page - Marktech Corporate TLPGE158P Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
236
120 Broadway • Menands, New York 12204
Toll Free: (800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
MAXIMUM RATINGS (Ta = 25°C)
OPTO-ELECTRICAL CHARACTERISTICS (Ta = 25°C)
UNIT: mm
GREEN
TOSHIBA T-1¾ InGaAIP Ultra Bright LED
TLPGE158P
• InGaAlP Technology
• 5mm Diameter T-1¾ Package
• High Luminous Intensity
• Water Clear Lens
• Fast Response Time, Capable of Pulse Operation
Product Features -
CHARACTERISTIC
SYMBOL
RATING
UNIT
Forward Current
I
F
50
mA
Reverse Voltage
V
R
4V
Power Dissipation
P
D
140
mW
Operating Temperature
T
opr
-30 ~ 85
°C
Storage Temperature
T
stg
-40 ~ 120
°C
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
V
F
IF = 20mA
—
2.27
2.8
V
Reverse Current
I
R
VR = 4V
—
—
50
µA
Luminous Intensity
I
V
IF = 20mA
85
200
—
mcd
Viewing Angle
2θ½
——
28
—
º
Peak Wavelength
λ
p
IF = 20mA
—
562
—
nm
Dominant Wavelength
λ
d
IF = 20mA
—
558
—
nm
Spectral Line Half Width
∆λ
IF = 20mA
—
11
—
nm
* Luminous Ranks: (N : 100-200mcd), (P : 180-360mcd), (Q : 320-640mcd) Upper and lower limit tolerance ±15%
Available in One Bin Combination: (NP)


Podobny numer części - TLPGE158P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marktech Corporate
TLPGE159P MARKTECH-TLPGE159P Datasheet
132Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
More results

Podobny opis - TLPGE158P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marktech Corporate
TLRE156AP MARKTECH-TLRE156AP Datasheet
133Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLGE247 MARKTECH-TLGE247 Datasheet
136Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLPGE183P MARKTECH-TLPGE183P Datasheet
132Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLRME16TP MARKTECH-TLRME16TP Datasheet
131Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLYE180AP MARKTECH-TLYE180AP Datasheet
135Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLPGE159P MARKTECH-TLPGE159P Datasheet
132Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLRE180AP MARKTECH-TLRE180AP Datasheet
134Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLRE263AP MARKTECH-TLRE263AP Datasheet
134Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLSE16TP MARKTECH-TLSE16TP Datasheet
131Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLSE180P MARKTECH-TLSE180P Datasheet
136Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com