Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLPGE159P Arkusz danych(PDF) 1 Page - Marktech Corporate

Numer części TLPGE159P
Szczegółowy opis  TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MARKTECH [Marktech Corporate]
Strona internetowa  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLPGE159P Arkusz danych(HTML) 1 Page - Marktech Corporate

  TLPGE159P Datasheet HTML 1Page - Marktech Corporate TLPGE159P Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
234
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RATINGS (T
TINGS (T
TINGS (T
TINGS (T
TINGS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
UNIT: mm
GREEN
GREEN
GREEN
GREEN
GREEN TOSHIBA T-1¾
¾
¾
¾
¾ InGaAIP Ultra Bright LED
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
V
F
IF = 20mA
2.27
2.8
V
Reverse Current
I
R
VR = 4V
——50
µA
Luminous Intensity
I
V
IF = 20mA
150
400
mcd
Viewing Angle
2
θ½—
20
º
Peak Wavelength
λ
p
IF = 20mA
562
nm
Dominant Wavelength
λ
d
IF = 20mA
558
nm
Spectral Line Half Width
∆λ
IF = 20mA
11
nm
CHARACTERISTIC
SYMBOL
RATING
UNIT
Forward Current
I
F
50
mA
Reverse Voltage
V
R
4V
Power Dissipation
P
D
140
mW
Operating Temperature
T
opr
-30 ~ 85
°C
Storage Temperature
T
stg
-40 ~ 120
°C
TLPGE159P
TLPGE159P
TLPGE159P
TLPGE159P
TLPGE159P
• InGaAlP Technology
• 5mm Diameter T-1¾ Package
• High Luminous Intensity
• Water Clear Lens
• Fast Response Time, Capable of Pulse Operation
Pr
Pr
Pr
Pr
Product F
oduct F
oduct F
oduct F
oduct Fea
ea
ea
ea
eatur
tur
tur
tur
tures -
es -
es -
es -
es -
* Luminous Ranks: (P : 180-360mcd), (Q : 320-640mcd), (R : 560-1120mcd) Upper and lower limit tolerance ±15%
Available in One Bin Combination: (PQ)


Podobny numer części - TLPGE159P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marktech Corporate
TLPGE158P MARKTECH-TLPGE158P Datasheet
104Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
More results

Podobny opis - TLPGE159P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marktech Corporate
TLRE156AP MARKTECH-TLRE156AP Datasheet
133Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLGE247 MARKTECH-TLGE247 Datasheet
136Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLPGE183P MARKTECH-TLPGE183P Datasheet
132Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLRME16TP MARKTECH-TLRME16TP Datasheet
131Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLYE180AP MARKTECH-TLYE180AP Datasheet
135Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLPGE158P MARKTECH-TLPGE158P Datasheet
104Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLRE180AP MARKTECH-TLRE180AP Datasheet
134Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLRE263AP MARKTECH-TLRE263AP Datasheet
134Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLSE16TP MARKTECH-TLSE16TP Datasheet
131Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLSE180P MARKTECH-TLSE180P Datasheet
136Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com