Zakładka z wyszukiwarką danych komponentów |
|
TLPGE183P Arkusz danych(PDF) 1 Page - Marktech Corporate |
|
TLPGE183P Arkusz danych(HTML) 1 Page - Marktech Corporate |
1 / 2 page 238 120 Broadway • Menands, New York 12204 Toll Free: (800) 98-4LEDS • Fax: (518) 432-7454 marktech optoelectronics For up-to-date product info visit our web site at www.marktechopto.com All specifications subject to change. MAXIMUM RA MAXIMUM RA MAXIMUM RA MAXIMUM RA MAXIMUM RATINGS (T TINGS (T TINGS (T TINGS (T TINGS (Ta = 25°C) a = 25°C) a = 25°C) a = 25°C) a = 25°C) OPT OPT OPT OPT OPTO-ELECTRICAL CHARA O-ELECTRICAL CHARA O-ELECTRICAL CHARA O-ELECTRICAL CHARA O-ELECTRICAL CHARACTERISTICS (T CTERISTICS (T CTERISTICS (T CTERISTICS (T CTERISTICS (Ta = 25°C) a = 25°C) a = 25°C) a = 25°C) a = 25°C) UNIT: mm GREEN GREEN GREEN GREEN GREEN TOSHIBA T-1¾ ¾ ¾ ¾ ¾ InGaAIP Ultra Bright LED TLPGE183P TLPGE183P TLPGE183P TLPGE183P TLPGE183P • InGaAlP Technology • 5mm Diameter T-1¾ Package • High Luminous Intensity • Water Clear Lens • Fast Response Time, Capable of Pulse Operation Pr Pr Pr Pr Product F oduct F oduct F oduct F oduct Fea ea ea ea eatur tur tur tur tures - es - es - es - es - CHARACTERISTIC SYMBOL RATING UNIT Forward Current I F 50 mA Reverse Voltage V R 4V Power Dissipation P D 140 mW Operating Temperature T opr -30 ~ 85 °C Storage Temperature T stg -40 ~ 120 °C CHARACTERISTIC SYMBOL TEST CONDITION MIN. TYP. MAX. UNIT Forward Voltage V F IF = 20mA — 2.27 2.8 V Reverse Current I R VR = 4V ——50 µA Luminous Intensity I V IF = 20mA 476 1200 — mcd Viewing Angle 2 θ½— — 8 — ° Peak Wavelength λ p IF = 20mA — 562 — nm Dominant Wavelength λ d IF = 20mA — 558 — nm Spectral Line Half Width ∆λ IF = 20mA — 11 — nm * Luminous Ranks: (R : 560-1120mcd), (S : 1000-2000mcd), (T : 1800-3600mcd) Upper and lower limit tolerance ±15% Available in One Bin Combination: (RS) |
Podobny numer części - TLPGE183P |
|
Podobny opis - TLPGE183P |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |