Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLPGE18TP Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLPGE18TP
Szczegółowy opis  TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLPGE18TP Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLPGE18TP Datasheet HTML 1Page - Toshiba Semiconductor TLPGE18TP Datasheet HTML 2Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
254
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RATINGS (T
TINGS (T
TINGS (T
TINGS (T
TINGS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
UNIT: mm
GREEN
GREEN
GREEN
GREEN
GREEN
TOSHIBA T-1
¾
¾
¾
¾
¾ InGaAIP Ultra Bright LED
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
TLPGE18TP
TLPGE18TP
TLPGE18TP
TLPGE18TP
TLPGE18TP
• InGaAlP Technology
• 5mm Diameter T-1¾ Package
• High Luminous Intensity
• Water Clear Lens
• Excellent ON-OFF Contrast Ratio
Pr
Pr
Pr
Pr
Product F
oduct F
oduct F
oduct F
oduct Fea
ea
ea
ea
eatur
tur
tur
tur
tures -
es -
es -
es -
es -
CHARACTERISTIC
SYMBOL
RATING
UNIT
Forward Current
I
F
50
mA
Reverse Voltage
V
R
4V
Power Dissipation
P
D
120
mW
Operating Temperature
T
opr
-40 ~ 100
°C
Storage Temperature
T
stg
-40 ~ 120
°C
C H AR AC TE R IS TIC
SYMB OL
TE S T COND ITION
MIN .
TYP.
MAX .
UN IT
Forward Voltage
V
F
IF = 20mA
2.1
2.4
V
Reverse C urrent
I
R
V R = 4V
——50
µA
Luminous Intensity
I
V
IF = 20mA
85
200
mcd
Viewing Angle
2
θ ½—
28
º
Peak Wavelength
λ
p
IF = 20mA
562
nm
D ominant Wavelength
λ
d
IF = 20mA
558
nm
S pectral Line Half W idth
∆λ
IF = 20mA
14
nm


Podobny numer części - TLPGE18TP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLPGE18TP TOSHIBA-TLPGE18TP Datasheet
206Kb / 7P
   Panel Circuit Indicator
TLPGE18TP TOSHIBA-TLPGE18TP Datasheet
217Kb / 8P
   Panel Circuit Indicator
TLPGE18TPF TOSHIBA-TLPGE18TPF Datasheet
206Kb / 7P
   Panel Circuit Indicator
TLPGE18TPF TOSHIBA-TLPGE18TPF Datasheet
217Kb / 8P
   Panel Circuit Indicator
TLPGE18TP TOSHIBA-TLPGE18TP_07 Datasheet
206Kb / 7P
   Panel Circuit Indicator
More results

Podobny opis - TLPGE18TP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marktech Corporate
TLRE156AP MARKTECH-TLRE156AP Datasheet
133Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLGE247 MARKTECH-TLGE247 Datasheet
136Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLPGE183P MARKTECH-TLPGE183P Datasheet
132Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLRME16TP MARKTECH-TLRME16TP Datasheet
131Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLYE180AP MARKTECH-TLYE180AP Datasheet
135Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLPGE158P MARKTECH-TLPGE158P Datasheet
104Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLPGE159P MARKTECH-TLPGE159P Datasheet
132Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLRE180AP MARKTECH-TLRE180AP Datasheet
134Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLRE263AP MARKTECH-TLRE263AP Datasheet
134Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLSE16TP MARKTECH-TLSE16TP Datasheet
131Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLSE180P MARKTECH-TLSE180P Datasheet
136Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com