Zakładka z wyszukiwarką danych komponentów |
|
TLPGE247 Arkusz danych(PDF) 1 Page - Marktech Corporate |
|
TLPGE247 Arkusz danych(HTML) 1 Page - Marktech Corporate |
1 / 2 page 232 120 Broadway • Menands, New York 12204 Toll Free: (800) 98-4LEDS • Fax: (518) 432-7454 marktech optoelectronics For up-to-date product info visit our web site at www.marktechopto.com All specifications subject to change. OPT OPT OPT OPT OPTO-ELECTRICAL CHARA O-ELECTRICAL CHARA O-ELECTRICAL CHARA O-ELECTRICAL CHARA O-ELECTRICAL CHARACTERISTICS (T CTERISTICS (T CTERISTICS (T CTERISTICS (T CTERISTICS (Ta = 25°C) a = 25°C) a = 25°C) a = 25°C) a = 25°C) MAXIMUM RA MAXIMUM RA MAXIMUM RA MAXIMUM RA MAXIMUM RATINGS (T TINGS (T TINGS (T TINGS (T TINGS (Ta = 25°C) a = 25°C) a = 25°C) a = 25°C) a = 25°C) GREEN GREEN GREEN GREEN GREEN TOSHIBA T-1¾ ¾ ¾ ¾ ¾ InGaAIP Ultra Bright LED UNIT: mm TLPGE247 TLPGE247 TLPGE247 TLPGE247 TLPGE247 • InGaAlP Technology • T-1¾ Elliptical Package • High Luminous Intensity • Water Clear Lens • Fast Response Time, Capable of Pulse Operation Pr Pr Pr Pr Product F oduct F oduct F oduct F oduct Fea ea ea ea eatur tur tur tur tures - es - es - es - es - CHARACTERISTIC SYMBOL RATING UNIT Forward Current I F 50 mA Reverse Voltage V R 4V Power Dissipation P D 140 mW Operating Temperature T opr -30 ~ 85 °C Storage Temperature T stg -40 ~ 120 °C CHARACTERISTIC SYMBOL TEST CONDITION MIN. TYP. MAX. UNIT Forward Voltage V F IF = 20mA — 2.27 2.8 V Reverse Current I R VR = 4V ——50 µA Luminous Intensity I V IF = 20mA 27 100 — mcd Viewing Angle 2θ½ —— Note 1 — º Peak Wavelength λ p IF = 20mA — 562 — nm Dominant Wavelength λ d IF = 20mA — 558 — nm Spectral Line Half Width ∆λ IF = 20mA — 11 — nm Note 1: Elliptical Radiation Pattern - 65º Vertical, 30º Horizontal * Luminous Ranks: (L : 32-64mcd), (M : 56-112mcd), (N : 100-200mcd) Upper and lower limit tolerance ±15% Available in One Bin Combination: (LM) H V |
Podobny numer części - TLPGE247 |
|
Podobny opis - TLPGE247 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |