Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLPGE262 Arkusz danych(PDF) 1 Page - Marktech Corporate

Numer części TLPGE262
Szczegółowy opis  TOSHIBA T-1 InGaAIP Ultra Bright LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MARKTECH [Marktech Corporate]
Strona internetowa  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLPGE262 Arkusz danych(HTML) 1 Page - Marktech Corporate

  TLPGE262 Datasheet HTML 1Page - Marktech Corporate TLPGE262 Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
228
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
GREEN
GREEN
GREEN
GREEN
GREEN
TOSHIBA T-1 InGaAIP Ultra Bright LED
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
UNIT: mm
TLPGE262
TLPGE262
TLPGE262
TLPGE262
TLPGE262
• InGaAlP Technology
• 3mm Diameter T-1 Package
• High Luminous Intensity
• Water Clear Lens
• Fast Response Time, Capable of Pulse Operation
Pr
Pr
Pr
Pr
Product F
oduct F
oduct F
oduct F
oduct Fea
ea
ea
ea
eatur
tur
tur
tur
tures -
es -
es -
es -
es -
CHARACTERISTIC
SYMBOL
RATING
UNIT
Forward Current
I
F
50
mA
Reverse Voltage
V
R
4V
Power Dissipation
P
D
140
mW
Operating Temperature
T
opr
-30 ~ 85
°C
Storage Temperature
T
stg
-40 ~ 120
°C
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RATINGS (T
TINGS (T
TINGS (T
TINGS (T
TINGS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
V
F
IF = 20mA
2.27
2.8
V
Reverse Current
I
R
VR = 4V
——50
µA
Luminous Intensity
I
V
IF = 20mA
15
45
mcd
Viewing Angle
2θ½
——
62
º
Peak Wavelength
λ
p
IF = 20mA
562
nm
Dominant Wavelength
λ
d
IF = 20mA
558
nm
Spectral Line Half Width
∆λ
IF = 20mA
11
nm
* Luminous Ranks: (K : 18-36mcd), (L : 32-64mcd), (M : 56-112mcd) Upper and lower limit tolerance ±15%
Available in One Bin Combination: (KL)


Podobny numer części - TLPGE262

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLPGE23TP TOSHIBA-TLPGE23TP Datasheet
178Kb / 7P
   TOSHIBA InGaALP LED
TLPGE23TP TOSHIBA-TLPGE23TP Datasheet
206Kb / 7P
   Panel Circuit Indicator
TLPGE23TP TOSHIBA-TLPGE23TP Datasheet
388Kb / 7P
   TOSHIBA InGaA?밣 LED
TLPGE23TP TOSHIBA-TLPGE23TP Datasheet
217Kb / 7P
   Panel Circuit Indicator
TLPGE23TPF TOSHIBA-TLPGE23TPF Datasheet
206Kb / 7P
   Panel Circuit Indicator
More results

Podobny opis - TLPGE262

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marktech Corporate
TLYE160A MARKTECH-TLYE160A Datasheet
134Kb / 2P
   TOSHIBA T-1 InGaAIP Ultra Bright LED
TLGE262 MARKTECH-TLGE262 Datasheet
131Kb / 2P
   TOSHIBA T-1 InGaAIP Ultra Bright LED
TLOE262A MARKTECH-TLOE262A Datasheet
130Kb / 2P
   TOSHIBA T-1 InGaAIP Ultra Bright LED
TLOE160A MARKTECH-TLOE160A Datasheet
133Kb / 2P
   TOSHIBA T-1 InGaAIP Ultra Bright LED
TLPGE160 MARKTECH-TLPGE160 Datasheet
132Kb / 2P
   TOSHIBA T-1 InGaAIP Ultra Bright LED
TLRE160A MARKTECH-TLRE160A Datasheet
134Kb / 2P
   TOSHIBA T-1 InGaAIP Ultra Bright LED
TLRE262A MARKTECH-TLRE262A Datasheet
132Kb / 2P
   TOSHIBA T-1 InGaAIP Ultra Bright LED
TLYE262A MARKTECH-TLYE262A Datasheet
133Kb / 2P
   TOSHIBA T-1 InGaAIP Ultra Bright LED
TLGE160 MARKTECH-TLGE160 Datasheet
132Kb / 2P
   TOSHIBA T-1 InGaAIP Ultra Bright LED
TLRE156AP MARKTECH-TLRE156AP Datasheet
133Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com