Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1PS70SB16_15 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 1PS70SB16_15
Szczegółowy opis  Dual Schottky barrier diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS70SB16_15 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  1PS70SB16_15_15 Datasheet HTML 1Page - NXP Semiconductors 1PS70SB16_15_15 Datasheet HTML 2Page - NXP Semiconductors 1PS70SB16_15_15 Datasheet HTML 3Page - NXP Semiconductors 1PS70SB16_15_15 Datasheet HTML 4Page - NXP Semiconductors 1PS70SB16_15_15 Datasheet HTML 5Page - NXP Semiconductors 1PS70SB16_15_15 Datasheet HTML 6Page - NXP Semiconductors 1PS70SB16_15_15 Datasheet HTML 7Page - NXP Semiconductors 1PS70SB16_15_15 Datasheet HTML 8Page - NXP Semiconductors 1PS70SB16_15_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NXP Semiconductors
1PS70SB16
Dual Schottky barrier diode
1PS70SB16
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
17 December 2012
3 / 9
Symbol
Parameter
Conditions
Min
Max
Unit
Tstg
storage temperature
-65
150
°C
9. Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per device
Rth(j-a)
thermal resistance
from junction to
ambient
in free air
[1]
-
-
625
K/W
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
10. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
IF = 0.1 mA; Tamb = 25 °C
-
-
240
mV
IF = 1 mA; Tamb = 25 °C
-
-
320
mV
IF = 10 mA; Tamb = 25 °C
-
-
400
mV
IF = 30 mA; Tamb = 25 °C
-
-
500
mV
VF
forward voltage
IF = 100 mA; Tamb = 25 °C
-
-
800
mV
IR
reverse current
VR = 25 V; pulsed; tp = 300 µs;
δ = 0.02 ; Tamb = 25 °C
-
-
2
µA
Cd
diode capacitance
VR = 1 V; f = 1 MHz; Tamb = 25 °C
-
-
10
pF


Podobny numer części - 1PS70SB16_15_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
1PS70SB16 PHILIPS-1PS70SB16 Datasheet
57Kb / 8P
   Schottky barrier (double) diodes
1999 Apr 26
logo
Guangdong Kexin Industr...
1PS70SB16 KEXIN-1PS70SB16 Datasheet
49Kb / 1P
   Schottky barrier (double) diodes
logo
Nexperia B.V. All right...
1PS70SB16 NEXPERIA-1PS70SB16 Datasheet
2Mb / 9P
   Dual Schottky barrier diode
17 December 2012
More results

Podobny opis - 1PS70SB16_15_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Semiconductor
5082-2279 ASI-5082-2279 Datasheet
18Kb / 1P
   SCHOTTKY BARRIER DUAL DIODE
logo
Nexperia B.V. All right...
1PS70SB14 NEXPERIA-1PS70SB14 Datasheet
3Mb / 9P
   Dual Schottky barrier diode
17 December 2012
1PS70SB15 NEXPERIA-1PS70SB15 Datasheet
1Mb / 9P
   Dual Schottky barrier diode
17 December 2012
logo
Advanced Semiconductor
5082-2271 ASI-5082-2271 Datasheet
18Kb / 1P
   SCHOTTKY BARRIER DUAL DIODE
logo
NXP Semiconductors
1PS70SB14_15 PHILIPS-1PS70SB14_15_15 Datasheet
166Kb / 9P
   Dual Schottky barrier diode
17 December 2012
1PS70SB15_15 PHILIPS-1PS70SB15_15_15 Datasheet
165Kb / 9P
   Dual Schottky barrier diode
17 December 2012
logo
Leshan Radio Company
MMBD352WT1 LRC-MMBD352WT1 Datasheet
48Kb / 2P
   Dual Schottky Barrier Diode
logo
ON Semiconductor
MMBD352WT1 ONSEMI-MMBD352WT1_05 Datasheet
43Kb / 4P
   Dual Schottky Barrier Diode
April, 2005 ??Rev. 3
logo
Advanced Semiconductor
5082-2830 ASI-5082-2830 Datasheet
16Kb / 1P
   SCHOTTKY BARRIER DUAL DIODE
logo
ON Semiconductor
MMBD352WT1G ONSEMI-MMBD352WT1G Datasheet
127Kb / 3P
   Dual Schottky Barrier Diode
November, 2011 ??Rev. 5
logo
Seme LAB
SB30-45MSMD SEME-LAB-SB30-45MSMD Datasheet
24Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com