Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1PS76SB10_15 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 1PS76SB10_15
Szczegółowy opis  Schottky barrier single diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS76SB10_15 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  1PS76SB10_15_15 Datasheet HTML 1Page - NXP Semiconductors 1PS76SB10_15_15 Datasheet HTML 2Page - NXP Semiconductors 1PS76SB10_15_15 Datasheet HTML 3Page - NXP Semiconductors 1PS76SB10_15_15 Datasheet HTML 4Page - NXP Semiconductors 1PS76SB10_15_15 Datasheet HTML 5Page - NXP Semiconductors 1PS76SB10_15_15 Datasheet HTML 6Page - NXP Semiconductors 1PS76SB10_15_15 Datasheet HTML 7Page - NXP Semiconductors 1PS76SB10_15_15 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NXP Semiconductors
1PS76SB10
Schottky barrier single diode
1PS76SB10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
17 December 2012
3 / 8
10. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF = 0.1 mA; pulsed; tp = 300 µs;
δ = 0.02 ; Tamb = 25 °C
-
-
240
mV
IF = 1 mA; pulsed; tp = 300 µs;
δ = 0.02 ; Tamb = 25 °C
-
-
320
mV
IF = 10 mA; pulsed; tp = 300 µs;
δ = 0.02 ; Tamb = 25 °C
-
-
400
mV
IF = 30 mA; pulsed; tp = 300 µs;
δ = 0.02 ; Tamb = 25 °C
-
-
500
mV
VF
forward voltage
IF = 100 mA; pulsed; tp = 300 µs;
δ = 0.02 ; Tamb = 25 °C
-
-
800
mV
IR
reverse current
VR = 25 V; pulsed; tp = 300 µs;
δ = 0.02 ; Tamb = 25 °C
-
-
2
µA
Cd
diode capacitance
VR = 1 V; f = 1 MHz; Tamb = 25 °C
-
-
10
pF
006aac829
VF (V)
0.0
1.2
0.8
0.4
1
10
102
103
IF
(mA)
10-1
(1)
(1)
(2)
(2)
(3)
(3)
(1) Tamb = 125 °C
(2) Tamb = 85 °C
(3) Tamb = 25 °C
Fig. 1. Forward current as a function of forward
voltage; typical values
aaa-004515
VR (V)
0
30
20
10
1
10
102
103
IR
(µA)
10-1
(1)
(2)
(3)
(1) Tamb = 125 °C
(2) Tamb = 85 °C
(3) Tamb = 25 °C
Fig. 2. Reverse current as a function of reverse
voltage; typical values


Podobny numer części - 1PS76SB10_15_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
1PS76SB10-Q NEXPERIA-1PS76SB10-Q Datasheet
198Kb / 10P
   Schottky barrier single diode
16 June 2021
logo
List of Unclassifed Man...
1PS76SB10TR ETC2-1PS76SB10TR Datasheet
39Kb / 4P
   Schottky barrier diode
More results

Podobny opis - 1PS76SB10_15_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
   Single Schottky barrier diode
Rev. 2-8 November 2011
BAT85.133 NXP-BAT85.133 Datasheet
131Kb / 8P
   Schottky barrier single diode
24 July 2012
logo
Nexperia B.V. All right...
1PS76SB10-Q NEXPERIA-1PS76SB10-Q Datasheet
198Kb / 10P
   Schottky barrier single diode
16 June 2021
logo
NXP Semiconductors
1PS70SB10_15 PHILIPS-1PS70SB10_15_15 Datasheet
166Kb / 9P
   Schottky barrier single diode
17 December 2012
1PS70SB20 PHILIPS-1PS70SB20_15 Datasheet
141Kb / 9P
   Schottky barrier single diode
17 December 2012
logo
Nexperia B.V. All right...
BAT86 NEXPERIA-BAT86 Datasheet
2Mb / 8P
   Schottky barrier single diode
25 July 2012
BAT46WH NEXPERIA-BAT46WH Datasheet
892Kb / 12P
   Single Schottky barrier diode
Rev. 2 - 28 November 2011
BAT54J NEXPERIA-BAT54J Datasheet
204Kb / 8P
   Schottky barrier single diode
1 October 2022
logo
NXP Semiconductors
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
   Single Schottky barrier diode
Rev. 2-8 November 2011
logo
Nexperia B.V. All right...
BAT54T NEXPERIA-BAT54T Datasheet
223Kb / 10P
   Single Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com