Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1PS301 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części 1PS301
Szczegółowy opis  Dual high-speed switching diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS301 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  1PS301_15 Datasheet HTML 1Page - NXP Semiconductors 1PS301_15 Datasheet HTML 2Page - NXP Semiconductors 1PS301_15 Datasheet HTML 3Page - NXP Semiconductors 1PS301_15 Datasheet HTML 4Page - NXP Semiconductors 1PS301_15 Datasheet HTML 5Page - NXP Semiconductors 1PS301_15 Datasheet HTML 6Page - NXP Semiconductors 1PS301_15 Datasheet HTML 7Page - NXP Semiconductors 1PS301_15 Datasheet HTML 8Page - NXP Semiconductors 1PS301_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
1PS301
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 6 March 2012
4 of 11
NXP Semiconductors
1PS301
Dual high-speed switching diode
(1) Tj = 150 C; typical values
(2) Tj =25 C; typical values
(3) Tj =25 C; maximum values
(1) VR = 80 V; maximum values
(2) VR = 80 V; typical values
(3) VR = 25 V; typical values
Fig 1.
Forward current as a function of forward
voltage
Fig 2.
Reverse current as a function of junction
temperature
f=1MHz; Tamb =25 C
FR4 PCB, standard footprint
(1) single diode loaded
(2) double diode loaded
Fig 3.
Diode capacitance as a function of reverse
voltage; typical values
Fig 4.
Forward current as a function of ambient
temperature; derating curves
VF (V)
0.0
2.0
1.5
0.5
1.0
006aac851
100
200
300
IF
(mA)
0
(1)
(2)
(3)
mbg380
102
10
200
0
100
Tj (°C)
IR
(
μA)
1
10−2
10−1
(1)
(2)
(3)
VR (V)
016
12
48
006aac852
0.4
0.2
0.6
0.8
Cd
(pF)
0.0
0
100
200
300
200
0
100
mbg444
Tamb (°C)
IF
(mA)
(1)
(2)


Podobny numer części - 1PS301_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
1PS301 PHILIPS-1PS301 Datasheet
52Kb / 8P
   High-speed double diode
1999 May 06
1PS301 PHILIPS-1PS301 Datasheet
67Kb / 8P
   High-speed double diode
1999 May 06
1PS301 NXP-1PS301 Datasheet
114Kb / 8P
   High-speed double diode
1996 Oct 04
logo
Nexperia B.V. All right...
1PS301 NEXPERIA-1PS301 Datasheet
810Kb / 11P
   Dual high-speed switching diode
Rev. 5 - 6 March 2012
More results

Podobny opis - 1PS301_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
1PS302 PHILIPS-1PS302_15 Datasheet
212Kb / 11P
   Dual high-speed switching diode
Rev. 6-23 July 2012
1PS300 PHILIPS-1PS300_15 Datasheet
167Kb / 11P
   Dual high-speed switching diode
Rev. 5-5 March 2012
logo
Nexperia B.V. All right...
1PS302 NEXPERIA-1PS302 Datasheet
787Kb / 11P
   Dual high-speed switching diode
Rev. 6 - 23 July 2012
1PS300 NEXPERIA-1PS300 Datasheet
749Kb / 11P
   Dual high-speed switching diode
Rev. 5 - 5 March 2012
1PS301 NEXPERIA-1PS301 Datasheet
810Kb / 11P
   Dual high-speed switching diode
Rev. 5 - 6 March 2012
BAS16DY NEXPERIA-BAS16DY Datasheet
212Kb / 9P
   High-speed dual switching diode
20 April 2023
BAS16DY-Q NEXPERIA-BAS16DY-Q Datasheet
204Kb / 9P
   High-speed dual switching diode
20 April 2023
logo
Central Semiconductor C...
BAS28 CENTRAL-BAS28 Datasheet
49Kb / 2P
   DUAL, ISOLATED HIGH SPEED SWITCHING DIODE
logo
Nexperia B.V. All right...
BAW56QA NEXPERIA-BAW56QA Datasheet
701Kb / 13P
   Dual common anode high-speed switching diode
BAV70QA NEXPERIA-BAV70QA Datasheet
692Kb / 12P
   Dual common cathode high-speed switching diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com