Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1PS301 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 1PS301
Szczegółowy opis  Dual high-speed switching diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS301 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  1PS301_15 Datasheet HTML 1Page - NXP Semiconductors 1PS301_15 Datasheet HTML 2Page - NXP Semiconductors 1PS301_15 Datasheet HTML 3Page - NXP Semiconductors 1PS301_15 Datasheet HTML 4Page - NXP Semiconductors 1PS301_15 Datasheet HTML 5Page - NXP Semiconductors 1PS301_15 Datasheet HTML 6Page - NXP Semiconductors 1PS301_15 Datasheet HTML 7Page - NXP Semiconductors 1PS301_15 Datasheet HTML 8Page - NXP Semiconductors 1PS301_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1PS301
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 6 March 2012
2 of 11
NXP Semiconductors
1PS301
Dual high-speed switching diode
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = placeholder for manufacturing site code
5.
Limiting values
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
anode (diode 1)
2
anode (diode 2)
3
common cathode
12
3
006aab034
12
3
Table 3.
Ordering information
Type number
Package
Name
Description
Version
1PS301
SC-70
plastic surface-mounted package; 3 leads
SOT323
Table 4.
Marking codes
Type number
Marking code[1]
1PS301
B*3
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VRRM
repetitive peak reverse
voltage
-85
V
VR
reverse voltage
-
80
V
IF
forward current
[1]
[2] -250
mA
[3] -160
mA
IFRM
repetitive peak forward
current
tp  0.5 s;
 0.25
-500
mA
IFSM
non-repetitive peak forward
current
square wave
[4]
tp =1 s-
4
A
tp =1s
-
0.5
A


Podobny numer części - 1PS301_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
1PS301 PHILIPS-1PS301 Datasheet
52Kb / 8P
   High-speed double diode
1999 May 06
1PS301 PHILIPS-1PS301 Datasheet
67Kb / 8P
   High-speed double diode
1999 May 06
1PS301 NXP-1PS301 Datasheet
114Kb / 8P
   High-speed double diode
1996 Oct 04
logo
Nexperia B.V. All right...
1PS301 NEXPERIA-1PS301 Datasheet
810Kb / 11P
   Dual high-speed switching diode
Rev. 5 - 6 March 2012
More results

Podobny opis - 1PS301_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
1PS302 PHILIPS-1PS302_15 Datasheet
212Kb / 11P
   Dual high-speed switching diode
Rev. 6-23 July 2012
1PS300 PHILIPS-1PS300_15 Datasheet
167Kb / 11P
   Dual high-speed switching diode
Rev. 5-5 March 2012
logo
Nexperia B.V. All right...
1PS302 NEXPERIA-1PS302 Datasheet
787Kb / 11P
   Dual high-speed switching diode
Rev. 6 - 23 July 2012
1PS300 NEXPERIA-1PS300 Datasheet
749Kb / 11P
   Dual high-speed switching diode
Rev. 5 - 5 March 2012
1PS301 NEXPERIA-1PS301 Datasheet
810Kb / 11P
   Dual high-speed switching diode
Rev. 5 - 6 March 2012
BAS16DY NEXPERIA-BAS16DY Datasheet
212Kb / 9P
   High-speed dual switching diode
20 April 2023
BAS16DY-Q NEXPERIA-BAS16DY-Q Datasheet
204Kb / 9P
   High-speed dual switching diode
20 April 2023
logo
Central Semiconductor C...
BAS28 CENTRAL-BAS28 Datasheet
49Kb / 2P
   DUAL, ISOLATED HIGH SPEED SWITCHING DIODE
logo
Nexperia B.V. All right...
BAW56QA NEXPERIA-BAW56QA Datasheet
701Kb / 13P
   Dual common anode high-speed switching diode
BAV70QA NEXPERIA-BAV70QA Datasheet
692Kb / 12P
   Dual common cathode high-speed switching diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com