Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AHC_AHCT3G14 Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części 74AHC_AHCT3G14
Szczegółowy opis  Triple inverting Schmitt trigger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC_AHCT3G14 Arkusz danych(HTML) 1 Page - NXP Semiconductors

  74AHC_AHCT3G14_15 Datasheet HTML 1Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 2Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 3Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 4Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 5Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 6Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 7Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 8Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
74AHC3G14 and 74AHCT3G14 are high-speed Si-gate CMOS devices. They provide
three inverting buffers with Schmitt trigger action. These devices are capable of
transforming slowly changing input signals into sharply defined, jitter-free output signals.
The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V.
The AHCT device has TTL input switching levels and supply voltage range 4.5 V to 5.5 V.
2.
Features and benefits
Symmetrical output impedance
High noise immunity
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
CDM JESD22-C101D exceeds 1000 V
Low power dissipation
Balanced propagation delays
Multiple package options
Specified from
40 Cto+85 C and 40 Cto+125 C
3.
Applications
Wave and pulse shaper for highly noisy environment
Astable multivibrator
Monostable multivibrator
74AHC3G14; 74AHCT3G14
Triple inverting Schmitt trigger
Rev. 8 — 13 May 2013
Product data sheet


Podobny numer części - 74AHC_AHCT3G14_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC_AHCT3G04 PHILIPS-74AHC_AHCT3G04_15 Datasheet
182Kb / 14P
   Inverter
Rev. 3-26 March 2013
More results

Podobny opis - 74AHC_AHCT3G14_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74HCT3G14-Q100 NEXPERIA-74HCT3G14-Q100 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 3 - 1 February 2019
logo
NXP Semiconductors
74HC_HCT3G14 PHILIPS-74HC_HCT3G14_15 Datasheet
220Kb / 21P
   Triple inverting Schmitt trigger
Rev. 5-9 December 2013
logo
Nexperia B.V. All right...
XC7WT14 NEXPERIA-XC7WT14 Datasheet
223Kb / 11P
   Triple inverting Schmitt trigger
Rev. 5 - 17 May 2021
XC7WH14 NEXPERIA-XC7WH14 Datasheet
246Kb / 14P
   Triple inverting Schmitt trigger
Rev. 6 - 22 February 2019
logo
NXP Semiconductors
XC7WH14 PHILIPS-XC7WH14_15 Datasheet
209Kb / 18P
   Triple inverting Schmitt trigger
Rev. 5-7 February 2013
logo
Nexperia B.V. All right...
74AHCT3G14 NEXPERIA-74AHCT3G14 Datasheet
267Kb / 15P
   Triple inverting Schmitt trigger
Rev. 9 - 4 December 2018
logo
NXP Semiconductors
XC7WT14 PHILIPS-XC7WT14_15 Datasheet
203Kb / 18P
   Triple inverting Schmitt trigger
Rev. 3-23 January 2013
logo
Nexperia B.V. All right...
74HCT3G14 NEXPERIA-74HCT3G14 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 6 - 1 February 2019
logo
NXP Semiconductors
74HC3G14 NXP-74HC3G14 Datasheet
109Kb / 18P
   Triple inverting Schmitt trigger
Rev. 03-8 May 2009
logo
Nexperia B.V. All right...
74HC3G14-Q100 NEXPERIA-74HC3G14-Q100 Datasheet
249Kb / 15P
   Triple inverting Schmitt trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com