Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVCH16652 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części 74ALVCH16652
Szczegółowy opis  16-bit transceiver/register with dual enable; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16652 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  74ALVCH16652_15 Datasheet HTML 1Page - NXP Semiconductors 74ALVCH16652_15 Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16652_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16652_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16652_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16652_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16652_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16652_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16652_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1999 Nov 23
4
Philips Semiconductors
Product specification
16-bit transceiver/register with dual enable; 3-state
74ALVCH16652
ORDERING INFORMATION
PINNING
OUTSIDE NORTH
AMERICA
NORTH
AMERICA
PACKAGE
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
74ALVCH16652DGG
ACH16652 DGG
−40 to +85 °C
56
TSSOP
plastic
SOT364-1
PIN
SYMBOL
DESCRIPTION
1 and 28
1OEAB, 2OEAB
output enable A-to-B
2 and 27
1CPAB, 2CPAB
clock input A-to-B
3 and 26
1SAB, 2SAB
select input A-to-B
5, 6, 8, 9, 10, 12, 13 and 14
1A0 to 1A7
‘1A’ data inputs/outputs
4, 11, 18, 25, 32, 39, 46 and 53
GND
ground (0 V)
7, 22, 35, 50
VCC
positive supply voltage
15, 16, 17, 19, 20, 21, 23 and 24
2A0 to 2A7
‘2A’ data inputs/outputs
29 and 56
2OEBA, 1OEBA
output enable B-to-A
30 and 55
2CPBA, 1CPBA
clock input B-to-A
31 and 54
2SBA, 1SBA
select input B-to-A
33, 34, 36, 37, 38, 40, 41 and 42
2B0 to 2B7
‘2B’ data inputs/outputs
43, 44, 45, 47, 48, 49, 51 and 52
1B7 to 1B0
‘1B’ data inputs/outputs


Podobny numer części - 74ALVCH16652_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVCH16652DGG PHILIPS-74ALVCH16652DGG Datasheet
103Kb / 20P
   16-bit transceiver/register with dual enable; 3-state
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16652DGG NEXPERIA-74ALVCH16652DGG Datasheet
260Kb / 18P
   16-bit transceiver/register with dual enable; 3-state
Rev. 3 - 12 September 2018
More results

Podobny opis - 74ALVCH16652_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74ALVCH16652 NEXPERIA-74ALVCH16652 Datasheet
260Kb / 18P
   16-bit transceiver/register with dual enable; 3-state
Rev. 3 - 12 September 2018
logo
NXP Semiconductors
74ALVCH16652 PHILIPS-74ALVCH16652 Datasheet
103Kb / 20P
   16-bit transceiver/register with dual enable; 3-state
1999 Nov 23
74ALVCH16623 PHILIPS-74ALVCH16623 Datasheet
84Kb / 16P
   16-bit transceiver with dual enable; 3-state
1999 Sep 20
74LVC652 PHILIPS-74LVC652 Datasheet
147Kb / 14P
   Octal transceiver/register with dual enable 3-State
1998 Jul 29
MB2623 PHILIPS-MB2623 Datasheet
87Kb / 12P
   16-bit transceiver with dual enable, non-inverting 3-State
1998 Jan 16
logo
Fairchild Semiconductor
74ACTQ16646 FAIRCHILD-74ACTQ16646 Datasheet
92Kb / 9P
   16-Bit Transceiver/Register with 3-STATE Outputs
74ACT16646 FAIRCHILD-74ACT16646 Datasheet
61Kb / 6P
   16-Bit Transceiver/Register with 3-STATE Outputs
logo
NXP Semiconductors
74ALVC16334A PHILIPS-74ALVC16334A Datasheet
121Kb / 12P
   16-bit registered driver with inverted register enable 3-State
2000 Mar 14
74ABT16646 PHILIPS-74ABT16646 Datasheet
94Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Feb 27
74ALVCH16646 PHILIPS-74ALVCH16646 Datasheet
92Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Sep 03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com