Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVT16501 Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części 74ALVT16501
Szczegółowy opis  18-bit universal bus transceiver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16501 Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button 74ALVT16501_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 12Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 13Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 14Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
74ALVT16501_4
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 04 — 8 August 2005
11 of 20
Philips Semiconductors
74ALVT16501
18-bit universal bus transceiver; 3-state
[6]
ICC is measured with outputs pulled up to VCC or pulled down to ground.
[7]
This is the increase in supply current for each input at the specified voltage level other than VCC or GND.
[8]
All typical values are at VCC = 3.3 V and Tamb = 25 °C.
[9]
This is the bus hold overdrive current required to force the input to the opposite logic state.
[10] This parameter is valid for any VCC between 0 V and 1.2 V with a transition time of up to 10 ms. From VCC = 1.2 VtoVCC = 3.3 V ± 0.3 V
a transition time of 100
µs is permitted. This parameter is valid for Tamb =25 °C only.
11. Dynamic characteristics
Table 8:
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 11.
Tamb = −40 °C to +85 °C.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VCC = 2.5 V ± 0.2 V [1]; CL = 30 pF
tPLH
propagation delay
An to Bn or Bn to An
see Figure 5
1.0
2.0
3.0
ns
LEAB to Bn or LEBA to An
see Figure 6
1.5
2.4
4.0
ns
CPAB to Bn or CPBA to An
see Figure 7
2.2
3.6
5.4
ns
tPHL
propagation delay
An to Bn or Bn to An
see Figure 5
1.4
2.1
3.5
ns
LEAB to Bn or LEBA to An
see Figure 6
1.5
2.3
4.0
ns
CPAB to Bn or CPBA to An
see Figure 7
1.9
3.2
5.4
ns
tPZH
output enable time to HIGH-level
see Figure 9
2.3
3.9
5.0
ns
tPZL
output enable time to LOW-level
see Figure 10
1.9
3.3
4.4
ns
tPHZ
output disable time from HIGH-level
see Figure 9
2.2
3.4
4.4
ns
tPLZ
output disable time from LOW-level
see Figure 10
1.6
2.8
3.4
ns
th(H)
hold time HIGH
An to CPAB or Bn to CPBA
see Figure 8
0
−1.2
-
ns
An to LEAB or Bn to LEAB
see Figure 8
+1.0
−0.5
-
ns
th(L)
hold time LOW
An to CPAB or Bn to CPBA
see Figure 8
+1.0
−0.4
-
ns
An to LEAB or Bn to LEAB
see Figure 8
2.0
1.0
-
ns
tsu(H)
set-up time HIGH
An to CPAB or Bn to CPBA
see Figure 8
1.9
0.4
-
ns
An to LEAB or Bn to LEBA
see Figure 8
0
−1.0
-
ns
tsu(L)
set-up time LOW
An to CPAB or Bn to CPBA
see Figure 8
2.5
1.2
-
ns
An to LEAB or Bn to LEBA
see Figure 8
+1.0
−0.5
-
ns
tWH
pulse width HIGH
CPAB or CPBA
see Figure 7
3.0
-
-
ns
LEAB or LEBA
see Figure 6
1.5
-
-
ns
tWL
pulse width LOW
CPAB or CPBA
see Figure 7
3.0
-
-
ns
fmax
maximum clock frequency
see Figure 7
150
-
-
MHz


Podobny numer części - 74ALVT16501_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVT16501DGG PHILIPS-74ALVT16501DGG Datasheet
102Kb / 16P
   2.5V/3.3V 18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVT16501DGG PHILIPS-74ALVT16501DGG Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
logo
Nexperia B.V. All right...
74ALVT16501DGG NEXPERIA-74ALVT16501DGG Datasheet
231Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 04 - 8 August 2005
logo
NXP Semiconductors
74ALVT16501DL PHILIPS-74ALVT16501DL Datasheet
102Kb / 16P
   2.5V/3.3V 18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVT16501DL PHILIPS-74ALVT16501DL Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
More results

Podobny opis - 74ALVT16501_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
logo
NXP Semiconductors
74ALVT16501 PHILIPS-74ALVT16501_05 Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
74ALVCH16500 PHILIPS-74ALVCH16500 Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com