Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX2321EUP Arkusz danych(PDF) 6 Page - Maxim Integrated Products

Numer części MAX2321EUP
Szczegółowy opis  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2321EUP Arkusz danych(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2321EUP Datasheet HTML 2Page - Maxim Integrated Products MAX2321EUP Datasheet HTML 3Page - Maxim Integrated Products MAX2321EUP Datasheet HTML 4Page - Maxim Integrated Products MAX2321EUP Datasheet HTML 5Page - Maxim Integrated Products MAX2321EUP Datasheet HTML 6Page - Maxim Integrated Products MAX2321EUP Datasheet HTML 7Page - Maxim Integrated Products MAX2321EUP Datasheet HTML 8Page - Maxim Integrated Products MAX2321EUP Datasheet HTML 9Page - Maxim Integrated Products MAX2321EUP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
6
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX232_ EV kit, VCC = +2.75V, fLNAINH = fMIXINH = 1960MHz, fLNAINL = fMIXINL = 881MHz, fLOLIN = 1091MHz (digital mode), fLOLIN =
991MHz (FM mode), fLOHIN = 1750MHz (MAX2320, MAX2322 with LOX2 = low, MAX2326 with BAND = low, MAX2327), fLLOHIN =
1085MHz (MAX2321 with BAND = low, MAX2322 with LOX2 = high), fLOHIN = 1091MHz (MAX2321 with BAND = high), fLOHIN =
2182MHz (MAX2326 with BAND = high), LO input power = -7dBm (MAX2320/MAX2326), 50
Ω system, TA = +25°C, unless otherwise
noted.) (Note 2)
Note 1: See Tables 1–5 for operational mode selection.
Note 2: A total of 36 devices from 3 different wafer lots are used to determine the standard deviation. The lots were selected to rep-
resent worst-case process conditions.
Note 3: Operation is characterized for the frequencies specified in the conditions; for other frequencies in the band, see Tables 8–12
for LNA and mixer S parameters.
Note 4: Guaranteed by design, characterization, and production functional test.
Note 5: Guaranteed by design and characterization.
Note 6: For cellular band, RF inputs are -25dBm each tone at 881MHz and 882MHz, fLO = 1091MHz. For PCS band, RF inputs are
-25dBm each tone at 1960MHz and 1961MHz, fLO = 2170MHz. For IIP3 vs. ICC trade-off, see Typical Operating
Characteristics.
PARAMETER
SYMBOL
CONDITIONS
MIN
-3
σ
TYP
+3
σ
MAX
UNITS
HIGH-GAIN, LOW-LINEARITY, AND LOW-GAIN MODES (Note 1)
Without doubler
10.6
11.3
12
12.1
12.8
PCS
With doubler
10.2
10.8
11.5
12.4
13.1
Gain (Note 4)
G
Cellular Band
11.2
12.1
13
13.8
14.7
dB
PCS
±1
±1
Gain Variation Over
Temperature Relative
to +25
°C
TA = -40
°C to
+85
°C
Cellular
±1
±1
dB
Without doubler
7.2
7.5
7.6
PCS
With doubler
(Note 7)
10.5
12
13.4
Without divider
7
7.2
7.6
Noise Figure
NF
Cellular
With divider
7.5
7.7
8.1
dB
Without doubler
+1
PCS
With doubler
+2.2
Input Third-Order
Intercept
IIP3
Cellular
+1.0
dBm
FM MODE (Note 1)
TA = +25
°C
9.7
10.4
11.2
11.9
12.7
Gain (Note 4)
G
TA = -40
°C to +85°C
7.8
9.0
11.2
14.0
15.4
dB
Noise Figure
NF
10.6
11.1
11.5
dB
Input Third-Order
Intercept (Notes 5, 6)
IIP3
TA = -40
°C to +85°C
2.3
3.2
4.9
dBm
LO BUFFER PERFORMANCE (BUFFEN = HIGH)
Load = 100
Ω pullup resistor
-12
LO Output Level
BUFFEN = GND
-44
dBm
LO_OUT Even Harmonic
Distortion
-31
dBc
LO Emissions at LNA
Input Port
Interstage filter rejection = 20dB
-50
dBm


Podobny numer części - MAX2321EUP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
logo
Guangdong Youtai Semico...
MAX232 UMW-MAX232 Datasheet
1Mb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
logo
Guangdong Youtai Semico...
MAX232 UMW-MAX232 Datasheet
929Kb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
Texas Instruments
MAX232 TI-MAX232 Datasheet
562Kb / 16P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
More results

Podobny opis - MAX2321EUP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BGA771L16 INFINEON-BGA771L16 Datasheet
942Kb / 33P
   High Linearity Dual-Band UMTS LNA
V3.0, August 2008
logo
TriQuint Semiconductor
TGA2613-SM TRIQUINT-TGA2613-SM_15 Datasheet
506Kb / 12P
   S-Band High Linearity LNA
logo
Maxim Integrated Produc...
MAX19757 MAXIM-MAX19757 Datasheet
4Mb / 34P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer
Rev 0; 12/12
MAX9981 MAXIM-MAX9981 Datasheet
409Kb / 15P
   825MHz to 915MHz, Dual SiGe High-Linearity Active Mixer
logo
RF Micro Devices
RF2488 RFMD-RF2488 Datasheet
483Kb / 22P
   MULTI-MODE DUAL-BAND LNA MIXER
logo
Maxim Integrated Produc...
MAX9982 MAXIM-MAX9982 Datasheet
395Kb / 12P
   825MHz to 915MHz, SiGe High-Linearity Active Mixer
Rev 1; 9/02
logo
WJ Communication. Inc.
MH205A WJCI-MH205A Datasheet
139Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205A WJCI-MH205A_07 Datasheet
192Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH203A WJCI-MH203A Datasheet
191Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205-RFID WJCI-MH205-RFID Datasheet
144Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com