Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX2323EVKIT Arkusz danych(PDF) 4 Page - Maxim Integrated Products

Numer części MAX2323EVKIT
Szczegółowy opis  Triple/Dual-Mode CDMA LNA/Mixers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2323EVKIT Arkusz danych(HTML) 4 Page - Maxim Integrated Products

  MAX2323EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX2323EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX2323EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX2323EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX2323EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX2323EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX2323EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX2323EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX2323EVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Note 1: Devices are production tested for functionality at frequencies stated; 30 units from 3 independent wafer lots, when one lot
was at the upper process extreme, one lot was nominal, and one lot was at the lower process extreme, were characterized.
The resulting standard deviation therefore includes process variations. Data sheet limits are ±3
σ from the mean.
Note 2: Operation over this frequency range requires the ports to be rematched for the desired operating range. Performance at
various frequencies is indicated by the S-parameter data in Tables 3–7.
Note 3: Specifications are based on RBIAS = 20k
Ω. ICC for all LNAs (except HGHL) and mixers are inversely proportional to RRBIAS.
IIP3 can be traded for ICC by selecting other values of RRBIAS.
Triple/Dual-Mode
CDMA LNA/Mixers
4
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX2323 EV kit, FPLNAIN = 1960MHz, FCLNAIN = 881MHz, FIF = 110MHz, high-side LO, 50
Ω system, RRBIAS = 20kΩ,
RRLNA = 24k
Ω. Typical values are VCC = 2.75V, TA = +25°C. LO input power = -7dBm, LOW = 0V, HIGH = VCC, unless otherwise
noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CDMA HIGH-GAIN, LOW-LINEARITY PAGING MODE
Gain
TA = TMIN to TMAX
12.5
14
14.5
dB
LNA Noise Figure
1.9
2.1
dB
TA = +25
°C
4.5
5.5
LNA IIP3
(Note 3)
TA = TMIN to TMAX
3.0
dBm
CDMA MIDGAIN MODE
Gain
TA = TMIN to TMAX
-2.0
-1.0
-0.5
dB
Noise Figure
5.6
6.0
dB
IIP3
(Note 3)
12
13.5
dBm
CELLULAR MIXER PERFORMANCE (MAX2323/MAX2325)
CDMA, ALL MODES
Gain
TA = TMIN to TMAX
11.5
13
14.5
dB
Noise Figure
7.5
8.5
dB
IIP3
TA = TMIN to TMAX (Note 3)
3.5
4.8
dBm
FM MODE
Gain
TA = TMIN to TMAX
8.5
10
11.5
dB
Noise Figure
10.5
11.5
dB
IIP3
TA = TMIN to TMAX (Note 3)
1.5
5
dBm
PCS MIXER PERFORMANCE (MAX2323)
CDMA HIGH-GAIN, HIGH-LINEARITY MODE
Gain
TA = TMIN to TMAX
12
13.5
15.5
dB
Noise Figure
7.9
8.5
dB
IIP3
TA = TMIN to TMAX (Note 3)
1.5
4
dBm


Podobny numer części - MAX2323EVKIT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX2323 MAXIM-MAX2323 Datasheet
526Kb / 28P
   Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
19-1535; Rev 1; 6/00
More results

Podobny opis - MAX2323EVKIT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX2338 MAXIM-MAX2338 Datasheet
210Kb / 13P
   Triple/Dual-Mode CDMA LNA/Mixers
Rev 1; 3/01
MAX2338 MAXIM-MAX2338_V01 Datasheet
214Kb / 13P
   Triple/Dual-Mode CDMA LNA/Mixers
2003
MAX2385 MAXIM-MAX2385 Datasheet
207Kb / 18P
   CDMA GPS LNA/Mixers
Rev 0; 10/01
logo
NXP Semiconductors
SA9503 PHILIPS-SA9503 Datasheet
169Kb / 16P
   Dual-band, CDMA/AMPS LNA and downconverter mixers
1999 Jul 29
logo
Maxim Integrated Produc...
MAX2351 MAXIM-MAX2351_04 Datasheet
603Kb / 27P
   Quadruple-Mode PCS/Cellular/GPS LNA/Mixers
Rev 3; 1/04
logo
New Japan Radio
NJG1135MD7 NJRC-NJG1135MD7 Datasheet
860Kb / 20P
   CDMA DUAL BAND LNA GaAs MMIC
logo
SYNERGY MICROWAVE CORPO...
CVP-206 SYNERGY-CVP-206 Datasheet
41Kb / 2P
   MIXERS TRIPLE-BALANCED
logo
Marki Microwave
M2-0020 MARKIMICROWAVE-M2-0020 Datasheet
199Kb / 2P
   TRIPLE-BALANCED MIXERS
logo
NXP Semiconductors
SA9504 PHILIPS-SA9504 Datasheet
223Kb / 22P
   Dual-band, PCSCDMA/AMPS LNA and downconverter mixers
1999 Oct 28
logo
SYNERGY MICROWAVE CORPO...
SLD-K5M SYNERGY-SLD-K5M Datasheet
45Kb / 2P
   MIXERS TRIPLE-BALANCED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com