Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLR3105PBF Arkusz danych(PDF) 3 Page - International Rectifier

Numer części IRLR3105PBF
Szczegółowy opis  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRLR3105PBF Arkusz danych(HTML) 3 Page - International Rectifier

  IRLR3105PBF Datasheet HTML 1Page - International Rectifier IRLR3105PBF Datasheet HTML 2Page - International Rectifier IRLR3105PBF Datasheet HTML 3Page - International Rectifier IRLR3105PBF Datasheet HTML 4Page - International Rectifier IRLR3105PBF Datasheet HTML 5Page - International Rectifier IRLR3105PBF Datasheet HTML 6Page - International Rectifier IRLR3105PBF Datasheet HTML 7Page - International Rectifier IRLR3105PBF Datasheet HTML 8Page - International Rectifier IRLR3105PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IRLR/U3105PbF
www.irf.com
3
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
2.0V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
15V
10V
5.0V
3.0V
2.7V
2.5V
2.25V
BOTTOM 2.0V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
2.0V
20µs PULSE WIDTH
Tj = 175°C
VGS
TOP
15V
10V
5.0V
3.0V
2.7V
2.5V
2.25V
BOTTOM 2.0V
2.0
4.0
6.0
8.0
VGS, Gate-to-Source Voltage (V)
0.01
0.10
1.00
10.00
100.00
1000.00
TJ = 25°C
TJ = 175°C
VDS = 25V
20µs PULSE WIDTH
0
1020
3040
ID, Drain-to-Source Current (A)
0
5
10
15
20
25
30
TJ = 25°C
TJ = 175°C
VDS = 25V
20µs PULSE WIDTH
Fig 4. Typical Forward Transconductance
Vs. Drain Current


Podobny numer części - IRLR3105PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLR3105PBF IRF-IRLR3105PBF Datasheet
308Kb / 11P
   AUTOMOTIVE MOSFET
IRLR3105PBF IRF-IRLR3105PBF Datasheet
327Kb / 11P
   Logic-Level Gate Drive
More results

Podobny opis - IRLR3105PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com