Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLR7807ZPBF Arkusz danych(PDF) 9 Page - International Rectifier

Numer części IRLR7807ZPBF
Szczegółowy opis  Ultra-Low Gate Impedance
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRLR7807ZPBF Arkusz danych(HTML) 9 Page - International Rectifier

Back Button IRLR7807ZPBF_15 Datasheet HTML 4Page - International Rectifier IRLR7807ZPBF_15 Datasheet HTML 5Page - International Rectifier IRLR7807ZPBF_15 Datasheet HTML 6Page - International Rectifier IRLR7807ZPBF_15 Datasheet HTML 7Page - International Rectifier IRLR7807ZPBF_15 Datasheet HTML 8Page - International Rectifier IRLR7807ZPBF_15 Datasheet HTML 9Page - International Rectifier IRLR7807ZPBF_15 Datasheet HTML 10Page - International Rectifier IRLR7807ZPBF_15 Datasheet HTML 11Page - International Rectifier IRLR7807ZPBF_15 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
IRLR/U7807ZPbF
www.irf.com
9
D-Pak (TO-252AA) Part Marking Information
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
12
IN T HE AS SEMBLY LINE "A"
ASS EMBLED ON WW 16, 1999
EXAMPLE:
WIT H AS SEMBLY
T HIS IS AN IRF R120
LOT CODE 1234
YEAR 9 = 1999
DATE CODE
WEEK 16
PART NUMBER
LOGO
INTERNATIONAL
RECT IFIER
ASS EMBLY
LOT CODE
916A
IRFU120
34
YEAR 9 = 1999
DAT E CODE
OR
P = DES IGNATES LEAD-FREE
PRODUCT (OPT IONAL)
Note: "P" in ass embly line position
indicates "Lead-F ree"
12
34
WEEK 16
A = ASS EMBLY SIT E CODE
PART NUMBER
IRFU120
LINE A
LOGO
LOT CODE
AS SEMBLY
INTERNATIONAL
RECTIF IER


Podobny numer części - IRLR7807ZPBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLR7807ZPBF IRF-IRLR7807ZPBF Datasheet
264Kb / 11P
   HEXFET Power MOSFET
More results

Podobny opis - IRLR7807ZPBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLR8259PBF IRF-IRLR8259PBF_15 Datasheet
375Kb / 11P
   Ultra-Low Gate Impedance
IRF7831PBF IRF-IRF7831PBF_15 Datasheet
270Kb / 10P
   Ultra-Low Gate Impedance
IRF7910PBF IRF-IRF7910PBF_15 Datasheet
223Kb / 8P
   Ultra-Low Gate Impedance
IRLR3717PBF IRF-IRLR3717PBF_15 Datasheet
272Kb / 12P
   Ultra-Low Gate Impedance
IRLR8726PBF IRF-IRLR8726PBF_15 Datasheet
360Kb / 11P
   Ultra-Low Gate Impedance
logo
Guangdong Youtai Semico...
IRF7455TR UMW-IRF7455TR Datasheet
373Kb / 8P
   Ultra-Low Gate Impedance
logo
International Rectifier
IRF8915PBF IRF-IRF8915PBF_15 Datasheet
291Kb / 10P
   Ultra-Low Gate Impedance
IRL3713PBF IRF-IRL3713PBF_15 Datasheet
284Kb / 12P
   Ultra-Low Gate Impedance
IRLR3802PBF IRF-IRLR3802PBF_15 Datasheet
287Kb / 11P
   Ultra-Low Gate Impedance
IRF7805ZPBF IRF-IRF7805ZPBF_15 Datasheet
275Kb / 10P
   Ultra-Low Gate Impedance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com