Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC_HCT164 Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części 74HC_HCT164
Szczegółowy opis  8-bit serial-in, parallel-out shift register
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT164 Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button 74HC_HCT164_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT164_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT164_15 Datasheet HTML 9Page - NXP Semiconductors 74HC_HCT164_15 Datasheet HTML 10Page - NXP Semiconductors 74HC_HCT164_15 Datasheet HTML 11Page - NXP Semiconductors 74HC_HCT164_15 Datasheet HTML 12Page - NXP Semiconductors 74HC_HCT164_15 Datasheet HTML 13Page - NXP Semiconductors 74HC_HCT164_15 Datasheet HTML 14Page - NXP Semiconductors 74HC_HCT164_15 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
74HC_HCT164
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 13 June 2013
11 of 20
NXP Semiconductors
74HC164; 74HCT164
8-bit serial-in, parallel-out shift register
Test data is given in Table 9.
Definitions test circuit:
RT = termination resistance should be equal to output impedance Zo of the pulse generator.
CL = load capacitance including jig and probe capacitance.
Fig 10. Test circuit for measuring switching times
001aah768
tW
tW
tr
tr
tf
VM
VI
negative
pulse
GND
VI
positive
pulse
GND
10 %
90 %
90 %
10 %
VM
VM
VM
tf
VCC
DUT
RT
VI
VO
CL
G
Table 9.
Test data
Type
Input
Load
Test
VI
tr, tf
CL
74HC164
VCC
6.0 ns
15 pF, 50 pF
tPLH, tPHL
74HCT164
3.0 V
6.0 ns
15 pF, 50 pF
tPLH, tPHL


Podobny numer części - 74HC_HCT164_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74HC_HCT166 PHILIPS-74HC_HCT166_15 Datasheet
638Kb / 21P
   8-bit parallel-in/serial out shift register
Rev. 3-11 September 2013
More results

Podobny opis - 74HC_HCT164_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com