Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC_HCT4851 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części 74HC_HCT4851
Szczegółowy opis  8-channel analog multiplexer/demultiplexer with injection-current effect control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT4851 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  74HC_HCT4851_15 Datasheet HTML 1Page - NXP Semiconductors 74HC_HCT4851_15 Datasheet HTML 2Page - NXP Semiconductors 74HC_HCT4851_15 Datasheet HTML 3Page - NXP Semiconductors 74HC_HCT4851_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT4851_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT4851_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT4851_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT4851_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT4851_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
74HC_HCT4851_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 2 September 2008
4 of 20
NXP Semiconductors
74HC4851; 74HCT4851
8-channel analog MUX/DEMUX with injection-current effect control
6.
Pinning information
6.1 Pinning
6.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as
a supply pin or input.
Fig 4.
Pin configuration SO16 and TSSOP16
Fig 5.
Pin configuration DHVQFN16
74HC4851
74HCT4851
Y4
VCC
Y6
Y2
ZY1
Y7
Y0
Y5
Y3
ES0
n.c.
S1
GND
S2
001aaf876
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
001aaf877
74HC4851
74HCT4851
n.c.
S1
ES0
Y5
Y3
Y7
Y0
ZY1
Y6
Y2
Transparent top view
GND(1)
7
10
6
11
5
12
4
13
3
14
2
15
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
Y4
1
independent input/output
Y6
2
independent input/output
Z
3
common input/output
Y7
4
independent input/output
Y5
5
independent input/output
E
6
enable input (active LOW)
n.c.
7
not connected
GND
8
ground (0 V)
S2
9
select input
S1
10
select input
S0
11
select input
Y3
12
independent input/output
Y0
13
independent input/output
Y1
14
independent input/output
Y2
15
independent input/output
VCC
16
supply voltage


Podobny numer części - 74HC_HCT4851_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC_HCT4852 PHILIPS-74HC_HCT4852_15 Datasheet
123Kb / 20P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
More results

Podobny opis - 74HC_HCT4851_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT4851 NXP-74HCT4851 Datasheet
114Kb / 20P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
logo
Texas Instruments
SN74HC4851 TI-SN74HC4851_08 Datasheet
689Kb / 21P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4851 TI-SN74HC4851_10 Datasheet
630Kb / 22P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HC4851-Q100 NXP-74HC4851-Q100 Datasheet
260Kb / 21P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 1-2 August 2012
logo
Nexperia B.V. All right...
74HC4851-Q100 NEXPERIA-74HC4851-Q100 Datasheet
293Kb / 19P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 3 - 18 February 2020
74HC4851 NEXPERIA-74HC4851 Datasheet
310Kb / 19P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 15 May 2023
logo
Texas Instruments
SN74HC4851-Q1 TI-SN74HC4851-Q1 Datasheet
294Kb / 15P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION EFFECT CONTROL
logo
NXP Semiconductors
74HC_HCT4852 PHILIPS-74HC_HCT4852_15 Datasheet
123Kb / 20P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
logo
Nexperia B.V. All right...
74HC4852-Q100 NEXPERIA-74HC4852-Q100 Datasheet
847Kb / 21P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
74HCT4852 NEXPERIA-74HCT4852 Datasheet
297Kb / 19P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 28 April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com