Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC137 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74HC137
Szczegółowy opis  3-to-8 line decoder, demultiplexer with address latches; inverting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC137 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74HC137_15 Datasheet HTML 1Page - NXP Semiconductors 74HC137_15 Datasheet HTML 2Page - NXP Semiconductors 74HC137_15 Datasheet HTML 3Page - NXP Semiconductors 74HC137_15 Datasheet HTML 4Page - NXP Semiconductors 74HC137_15 Datasheet HTML 5Page - NXP Semiconductors 74HC137_15 Datasheet HTML 6Page - NXP Semiconductors 74HC137_15 Datasheet HTML 7Page - NXP Semiconductors 74HC137_15 Datasheet HTML 8Page - NXP Semiconductors 74HC137_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
9397 750 13804
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 11 November 2004
2 of 19
Philips Semiconductors
74HC137
3-to-8 line decoder, demultiplexer with address latches; inverting
3.
Quick reference data
[1]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑(C
L × VCC
2
× f
o) = sum of outputs.
4.
Ordering information
Table 1:
Quick reference data
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tPHL, tPLH
propagation delay
CL = 15 pF; VCC =5 V
An to Yn
-
18
-
ns
LE to Yn
-
17
-
ns
E1 to Yn
-
15
-
ns
E2 to Yn
-
15
-
ns
CI
input capacitance
-
3.5
-
pF
CPD
power dissipation
capacitance
VI = GND to VCC
[1] -57
-
pF
Table 2:
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC137N
−40 °C to +125 °C
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
74HC137D
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74HC137DB
−40 °C to +125 °C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1


Podobny numer części - 74HC137_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC137 PHILIPS-74HC137_1 Datasheet
72Kb / 8P
   3-to-8 line decoder/demultiplexer with address latches; inverting
December 1990
More results

Podobny opis - 74HC137_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC137 PHILIPS-74HC137 Datasheet
107Kb / 19P
   3-to-8 line decoder, demultiplexer with address latches inverting
Rev. 03-11 November 2004
74HC137 PHILIPS-74HC137 Datasheet
68Kb / 8P
   3-to-8 line decoder/demultiplexer with address latches; inverting
Rev. 03-11 November 2004
logo
Nexperia B.V. All right...
74HC137 NEXPERIA-74HC137 Datasheet
273Kb / 16P
   3-to-8 line decoder, demultiplexer with address latches; inverting
Rev. 5 - 4 August 2021
logo
NXP Semiconductors
74HC137 PHILIPS-74HC137_1 Datasheet
72Kb / 8P
   3-to-8 line decoder/demultiplexer with address latches; inverting
December 1990
74HC237 PHILIPS-74HC237_15 Datasheet
227Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 6-23 August 2012
logo
Fairchild Semiconductor
DM74ALS137 FAIRCHILD-DM74ALS137 Datasheet
57Kb / 6P
   3 to 8 Line Decoder/Demultiplexer with Address Latches
logo
NXP Semiconductors
74HC237 NXP-74HC237_10 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
logo
Nexperia B.V. All right...
74HC237 NEXPERIA-74HC237 Datasheet
276Kb / 16P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 8 - 26 October 2021
logo
NXP Semiconductors
74HC237 NXP-74HC237_11 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC237 PHILIPS-74HC237 Datasheet
68Kb / 9P
   3-to-8 line decoder/demultiplexer with address latches
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com